Electronic Components Datasheet Search
  English  ▼

X  

PDTA124EEF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA124EEF
Description  PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124EEF Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA124EEF Datasheet HTML 1Page - NXP Semiconductors PDTA124EEF Datasheet HTML 2Page - NXP Semiconductors PDTA124EEF Datasheet HTML 3Page - NXP Semiconductors PDTA124EEF Datasheet HTML 4Page - NXP Semiconductors PDTA124EEF Datasheet HTML 5Page - NXP Semiconductors PDTA124EEF Datasheet HTML 6Page - NXP Semiconductors PDTA124EEF Datasheet HTML 7Page - NXP Semiconductors PDTA124EEF Datasheet HTML 8Page - NXP Semiconductors PDTA124EEF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 02
5
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 22 k
Ω, R2 = 22 kΩ
PDTA124E series
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE = 0
−
−
−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB = 0
−
−
−1
μA
VCE = −30 V; IB = 0; Tj = 150 °C
−
−
−50
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0
−
−
−180
μA
hFE
DC current gain
VCE = −5 V; IC = −5 mA
60
−
−
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−
−
−150
mV
Vi(off)
input-off voltage
IC = −100 μA; VCE = −5 V
−
−1.1
−0.8
V
Vi(on)
input-on voltage
IC = −5 mA; VCE = −0.3 V
−2.5
−1.7
−
V
R1
input resistor
15.4
22
28.6
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE = ie = 0; VCB = −10 V; f = 1 MHz −
−
3
pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com