Electronic Components Datasheet Search
  English  ▼

X  

PDTA124TM Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PDTA124TM
Description  PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124TM Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PDTA124TM Datasheet HTML 6Page - NXP Semiconductors PDTA124TM Datasheet HTML 7Page - NXP Semiconductors PDTA124TM Datasheet HTML 8Page - NXP Semiconductors PDTA124TM Datasheet HTML 9Page - NXP Semiconductors PDTA124TM Datasheet HTML 10Page - NXP Semiconductors PDTA124TM Datasheet HTML 11Page - NXP Semiconductors PDTA124TM Datasheet HTML 12Page - NXP Semiconductors PDTA124TM Datasheet HTML 13Page - NXP Semiconductors PDTA124TM Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
2004 Aug 04
12
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTA124T series
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com