Electronic Components Datasheet Search
  English  ▼

X  

PDTA143TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA143TS
Description  PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143TS Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA143TS Datasheet HTML 1Page - NXP Semiconductors PDTA143TS Datasheet HTML 2Page - NXP Semiconductors PDTA143TS Datasheet HTML 3Page - NXP Semiconductors PDTA143TS Datasheet HTML 4Page - NXP Semiconductors PDTA143TS Datasheet HTML 5Page - NXP Semiconductors PDTA143TS Datasheet HTML 6Page - NXP Semiconductors PDTA143TS Datasheet HTML 7Page - NXP Semiconductors PDTA143TS Datasheet HTML 8Page - NXP Semiconductors PDTA143TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2003 Sep 08
2004 Aug 04
DISCRETE SEMICONDUCTORS
PDTA143T series
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open


Similar Part No. - PDTA143TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143TS PHILIPS-PDTA143TS Datasheet
89Kb / 14P
PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143TS NEXPERIA-PDTA143TS Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTA143TS NEXPERIA-PDTA143TS Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
More results

Similar Description - PDTA143TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PDTC143T NXP-PDTC143T Datasheet
180Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
PEMB3 NXP-PEMB3 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PDTC143T PHILIPS-PDTC143T_15 Datasheet
180Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
PEMB3_PUMB3 PHILIPS-PEMB3_PUMB3_15 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
logo
Nexperia B.V. All right...
PDTA143EMB NEXPERIA-PDTA143EMB Datasheet
839Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
PDTA143TMB NEXPERIA-PDTA143TMB Datasheet
725Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = open
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com