Electronic Components Datasheet Search
  English  ▼

X  

SMD030F Datasheet(PDF) 5 Page - Tyco Electronics

Part # SMD030F
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD030F Datasheet(HTML) 5 Page - Tyco Electronics

  SMD030F Datasheet HTML 1Page - Tyco Electronics SMD030F Datasheet HTML 2Page - Tyco Electronics SMD030F Datasheet HTML 3Page - Tyco Electronics SMD030F Datasheet HTML 4Page - Tyco Electronics SMD030F Datasheet HTML 5Page - Tyco Electronics SMD030F Datasheet HTML 6Page - Tyco Electronics SMD030F Datasheet HTML 7Page - Tyco Electronics SMD030F Datasheet HTML 8Page - Tyco Electronics SMD030F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
135
15
RoHS Compliant, ELV Compliant
Electrical Characteristics for Surface-mount Devices at Room Temperature
Table S3
picoSMD Series
Size 2012 mm/0805 mils
picoSMD035F
0.35
0.75
6
20
0.60
3.50
0.10
0.42
1.40
S6
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
0.12
0.39
48
10
0.50
1.00
0.20
1.40
6.50
S2
nanoSMDC016F
0.16
0.45
48
10
0.50
1.00
0.30
1.10
5.00
S2
nanoSMDC020F
0.20
0.42
24
100
0.60
8.00
0.10
0.65
3.10
S2
nanoSMDC035F
0.35
0.75
16
20
0.60
3.50
0.10
0.45
1.35
S2
nanoSMDC050F/13.2
0.50
1.10
13.2
100
0.80
8.00
0.10
0.20
0.75
S2
nanoSMDC075F
0.75
1.50
6
100
0.80
8.00
0.10
0.09
0.30
S2
nanoSMDC110F
1.10
2.20
6
100
0.80
8.00
0.10
0.07
0.20
S2
nanoSMDC150F
1.50
3.00
6
100
0.80
8.00
0.30
0.04
0.11
S2
nanoSMDC200F*
2.00
4.00
6
100
1.00
8.00
TBD
0.02
0.07
S2
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
0.05
0.15
30
10
1.00
0.25
1.50
3.60
50.00
S3
microSMD010F
0.10
0.25
30
10
0.80
0.50
1.00
2.10
15.00
S2
microSMD035F
0.35
0.75
6
40
0.80
8.00
0.20
0.32
1.30
S2
microSMD050F
0.50
1.00
13.2
40
0.80
8.00
0.05
0.25
0.90
S2
microSMD075F
0.75
1.50
6
40
0.80
8.00
0.10
0.11
0.40
S2
microSMD110F
1.10
2.20
6
40
0.80
8.00
0.20
0.07
0.21
S2
microSMD150F
1.50
3.00
6
40
0.80
8.00
1.00
0.04
0.11
S2
microSMD175F
1.75
3.50
6
40
0.80
8.00
0.80
0.025
0.08
S2
microSMD200F
2.00
4.00
6
100
0.80
8.00
2.50
0.020
0.06
S2
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC014F
0.14
0.28
60
10
0.75
8.00
0.008
1.50
6.00
S2
miniSMDC020F
0.20
0.40
30
10
0.80
8.00
0.02
0.60
3.30
S2
miniSMDC050F
0.50
1.00
24
100
0.80
8.00
0.15
0.15
1.00
S2
miniSMDC075F
0.75
1.50
13.2
100
1.00
8.00
0.20
0.11
0.45
S2
miniSMDC075F/24
0.75
1.50
24
40
0.80
8.00
0.30
0.09
0.29
S2
miniSMDC100F
1.10
2.20
8
100
1.20
8.00
0.30
0.04
0.21
S2
miniSMDC110F
1.10
2.20
8
100
1.20
8.00
0.30
0.04
0.21
S2
miniSMDC110F/16
1.10
2.20
16
100
0.80
8.00
0.30
0.06
0.18
S2
miniSMDC110F/24
1.10
2.20
24
20
0.80
8.00
0.50
0.06
0.18
S2
miniSMDC125F
1.25
2.50
6
100
0.80
8.00
0.40
0.05
0.14
S2
miniSMDC125F/16
1.25
2.50
16
100
0.80
8.00
0.40
0.05
0.14
S2
miniSMDC150F
1.50
3.00
6
100
0.80
8.00
0.50
0.04
0.11
S2
miniSMDC150F/12
1.50
2.80
12
100
0.80
8.00
0.50
0.04
0.11
S2
miniSMDC150F/16
1.50
2.80
16
100
0.80
8.00
0.50
0.04
0.11
S2
miniSMDC150F/24
1.50
3.00
24
20
1.00
8.00
1.50
0.04
0.12
S2
miniSMDC160F
1.60
3.20
9
100
0.80
8.00
1.00
0.03
0.10
S2
* Data is preliminary
Part Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PD MAX
(W)
Max. Time-to-Trip
(A)
(S)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
coming
soon
Ambient Temperature (˚C)
200
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
100120
B
A
A
B
C
C
Figure S1
A=
picoSMD / nanoSMD /
microSMD / miniSMD /
decaSMD and SMD
B=
miniSMDE190F
C=
SMDH120 and SMDH160
Thermal Derating Curve for Surface-mount Devices
Figure S1
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com