Electronic Components Datasheet Search
  English  ▼

X  

SMD075 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMD075
Description  PolySwitch짰 PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD075 Datasheet(HTML) 1 Page - Tyco Electronics

  SMD075 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: SMD075
DOCUMENT: SCD 21843
PCN: 111067
REV LETTER: E
REV DATE: MAY 31, 2002
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Ratings
Operating Voltage / Interrupt Current
30V / 40A
12V / 60A
5V / 125A
Marking:
Manufacturer’s Mark
Part Identification
075
Notes:
1. All metal surfaces are tin plated.
2. Devices cannot be wave soldered.
3. Drawing not to scale.
H
D
A
E
B
C
G
F
TABLE I. DIMENSIONS:
A
B
C
D
E
F
G
H
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm: 6.73
7.98
--
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
in*: (0.265) (0.314)
--
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPS
AT 0°C
AMPS
AT 20°C
AMPS
AT 60°C
SECONDS AT
20°C, 8.0A
OHMS
AT 20°C
WATTS AT
20°C
HOLD
TRIP
HOLD
TRIP
HOLD
TRIP
MAX
MIN
MAX*
MAX
0.84
1.68
0.75
1.50
0.49
0.98
0.3
0.35
1.0
1.7
* Maximum resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.070”X1.5 ounce copper traces.
Reference Documents:
PS300, E.N. SMD 1.0x
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


Similar Part No. - SMD075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD075 ETC2-SMD075 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD075-2 ETC1-SMD075-2 Datasheet
313Kb / 4P
PolySwitch SMD
logo
Lumileds Lighting Compa...
SMD075-LA81 LUMILEDS-SMD075-LA81 Datasheet
1Mb / 17P
Mid-Power LED Light Source
SMD075-LO81 LUMILEDS-SMD075-LO81 Datasheet
1Mb / 17P
Mid-Power LED Light Source
logo
Tyco Electronics
SMD075F MACOM-SMD075F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - SMD075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MINISMDC075 MACOM-MINISMDC075 Datasheet
54Kb / 1P
PolySwitch짰 PTC Devices
SMD030 MACOM-SMD030 Datasheet
82Kb / 1P
PolySwitch짰 PTC Devices
SMD125 MACOM-SMD125 Datasheet
82Kb / 1P
PolySwitch짰 PTC Devices
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
PolySwitch짰 PTC Devices
SMD185F MACOM-SMD185F Datasheet
34Kb / 1P
PolySwitch짰 PTC Devices
RGEF1200 MACOM-RGEF1200 Datasheet
101Kb / 1P
PolySwitch짰 PTC Devices
RHEF400 MACOM-RHEF400 Datasheet
87Kb / 1P
PolySwitch짰 PTC Devices
AGRF1100 MACOM-AGRF1100 Datasheet
101Kb / 2P
PolySwitch짰 PTC Devices
LR4-260F MACOM-LR4-260F Datasheet
107Kb / 1P
PolySwitch짰 PTC Devices
RTEF120 MACOM-RTEF120 Datasheet
103Kb / 1P
PolySwitch짰 PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com