Electronic Components Datasheet Search
  English  ▼

X  

PDTA144EEF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PDTA144EEF
Description  PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA144EEF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PDTA144EEF Datasheet HTML 3Page - NXP Semiconductors PDTA144EEF Datasheet HTML 4Page - NXP Semiconductors PDTA144EEF Datasheet HTML 5Page - NXP Semiconductors PDTA144EEF Datasheet HTML 6Page - NXP Semiconductors PDTA144EEF Datasheet HTML 7Page - NXP Semiconductors PDTA144EEF Datasheet HTML 8Page - NXP Semiconductors PDTA144EEF Datasheet HTML 9Page - NXP Semiconductors PDTA144EEF Datasheet HTML 10Page - NXP Semiconductors PDTA144EEF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2004 Aug 05
7
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 47 kΩ
PDTA144E series
UNIT
bp
cD
E
e1
HE
Lp
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
05-07-28
06-03-16
IEC
JEDEC
JEITA
mm
0.33
0.23
0.2
0.1
1.7
1.5
0.95
0.75
0.5
e
1.0
1.7
1.5
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
SOT490
SC-89
bp
D
e1
e
A
Lp
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
0.8
0.6
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com