Electronic Components Datasheet Search
  English  ▼

X  

PDTA144VM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA144VM
Description  PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA144VM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA144VM Datasheet HTML 1Page - NXP Semiconductors PDTA144VM Datasheet HTML 2Page - NXP Semiconductors PDTA144VM Datasheet HTML 3Page - NXP Semiconductors PDTA144VM Datasheet HTML 4Page - NXP Semiconductors PDTA144VM Datasheet HTML 5Page - NXP Semiconductors PDTA144VM Datasheet HTML 6Page - NXP Semiconductors PDTA144VM Datasheet HTML 7Page - NXP Semiconductors PDTA144VM Datasheet HTML 8Page - NXP Semiconductors PDTA144VM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
Product profile
1.1 General description
PNP resistor-equipped transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2)
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA144V series
PNP resistor-equipped transistors; R1 = 47 k
Ω, R2 = 10 kΩ
Rev. 04 — 3 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
PDTA144VE
SOT416
SC-75
PDTC144VE
PDTA144VK
SOT346
SC-59A
PDTC144VK
PDTA144VM
SOT883
SC-101
PDTC144VM
PDTA144VS[1]
SOT54
SC-43A
PDTC144VS
PDTA144VT
SOT23
-
PDTC144VT
PDTA144VU
SOT323
SC-70
PDTC144VU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I General purpose switching and
amplification
I Circuit drivers
I Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
33
47
61
k
Ω
R2/R1
bias resistor ratio
0.17
0.21
0.26


Similar Part No. - PDTA144VM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA144VM NEXPERIA-PDTA144VM Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTA144VM NEXPERIA-PDTA144VM Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTA144VMB NEXPERIA-PDTA144VMB Datasheet
627Kb / 12P
PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
More results

Similar Description - PDTA144VM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTA144V_SER NEXPERIA-PDTA144V_SER Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com