Electronic Components Datasheet Search
  English  ▼

X  

PDTB113Z Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTB113Z
Description  PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 10 k廓
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTB113Z Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTB113Z Datasheet HTML 1Page - NXP Semiconductors PDTB113Z Datasheet HTML 2Page - NXP Semiconductors PDTB113Z Datasheet HTML 3Page - NXP Semiconductors PDTB113Z Datasheet HTML 4Page - NXP Semiconductors PDTB113Z Datasheet HTML 5Page - NXP Semiconductors PDTB113Z Datasheet HTML 6Page - NXP Semiconductors PDTB113Z Datasheet HTML 7Page - NXP Semiconductors PDTB113Z Datasheet HTML 8Page - NXP Semiconductors PDTB113Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PDTB113Z_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 November 2009
2 of 10
NXP Semiconductors
PDTB113Z series
PNP 500 mA resistor-equipped transistors; R1 = 1 k
Ω, R2 = 10 kΩ
2.
Pinning information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54A
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54 variant
1
input (base)
2
output (collector)
3
GND (emitter)
SOT23, SOT346
1
input (base)
2
GND (emitter)
3
output (collector)
001aab347
1
2
3
006aaa148
R1
R2
2
3
1
001aab348
1
2
3
006aaa148
R1
R2
2
3
1
001aab447
1
2
3
006aaa148
R1
R2
2
3
1
006aaa144
12
3
sym003
3
2
1
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com