Electronic Components Datasheet Search
  English  ▼

X  

SMD075 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMD075
Description  PolySwitch Surface-mount Resettable Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMD075 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMD075 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
192 PolySwitch Surface-mount Resettable Devices
Raychem Circuit Protection
4
Table S3. Electrical Characteristics for Surface-mount Devices continued
I
H
I
T
V
MAX
I
MAX
P
D TYP
Max. Time-to-Trip
R
MIN
R
TYP
R
1 MAX
Figures for
Part Number
(A)
(A)
(V
DC)
(A)
(W)
(A)
(s)
(
Ω)(Ω)(Ω)
Dimensions
miniSMD continued
Size 4532 mm/1812 mils
miniSMDM200F*
†
2.00
3.50
8
40
0.6
8.0
3.00
0.020
0.040
0.060
S5
miniSMDC260
2.60
5.00
6
40
0.6
8.0
7.00
0.015
0.035
0.047
S3
miniSMDM260
†
2.60
4.55
6
40
0.6
8.0
6.00
0.010
0.030
0.043
S5
miniSMDM260F*
†
2.60
4.55
6
40
0.6
8.0
6.00
0.010
0.030
0.043
S5
miniSMDE
Size 11550 mm/4420 mils
miniSMDE190
1.90
3.80
16
100
1.4
10
2.0
0.024
0.065
0.080
S3
midSMD
Size 5050 mm/2018 mils
SMD030-2018
0.30
0.80
60
20
0.7
1.5
1.5
0.500
1.40
2.300
S6
SMD050-2018
0.55
1.20
57
10
1.0
2.5
5.0
0.200
—
1.000
S6
SMD100-2018
1.10
2.20
15
40
1.2
8.0
0.5
0.100
0.25
0.400
S6
SMD150-2018
1.50
3.00
15
40
1.4
8.0
1.0
0.070
0.13
0.180
S6
SMD200-2018
2.00
4.20
6
40
1.4
8.0
3.0
0.048
0.07
0.100
S6
SMD
Size 7555 mm/2920 mils
SMD030
0.30
0.60
60
10
1.5
1.5
3.0
1.200
3.00
4.800
S7
SMD050
0.50
1.00
60
10
1.5
2.5
4.0
0.350
0.87
1.400
S7
SMD075
0.75
1.50
30
40
1.5
8.0
0.3
0.350
0.67
1.000
S7
SMD075F*
0.75
1.50
30
40
1.5
8.0
0.3
0.350
0.67
1.000
S7
SMD100
1.10
2.20
30
40
1.5
8.0
0.5
0.120
0.30
0.480
S7
SMD100/33
1.10
2.20
33
40
1.5
8.0
0.5
0.120
0.27
0.410
S7
SMD125
1.25
2.50
15
40
1.5
8.0
2.0
0.070
0.16
0.250
S7
SMD260
2.60
5.20
6
40
1.5
8.0
20.0
0.025
0.05
0.075
S7
SMD260-RB
2.60
5.00
6
40
1.5
5.0
60.0
0.030
0.055
0.075
S7
SMD300
3.00
6.00
6
40
1.3
8.0
35.0
0.015
0.033
0.048
S7
SMD2
Size 8763 mm/3425 mils
SMD150
1.50
3.00
15
40
1.7
8.0
5.0
0.060
0.16
0.250
S7
SMD150/33
1.50
3.00
33
40
1.7
8.0
5.0
0.080
0.15
0.230
S7
SMDH160
1.60
3.20
16
70
2.1
8.0
15.0
0.050
0.10
0.150
S7
SMD185
1.80
3.60
33
40
1.2
8.0
5.0
0.065
0.12
0.165****
S7
SMD200
2.00
4.00
15
40
1.7
8.0
12.0
0.050
0.09
0.125
S7
SMD250
2.50
5.00
15
40
1.7
8.0
25.0
0.035
0.06
0.085
S7
Telecom Surface-mount**
TSL250-080
0.08
0.16
250***
3.0
1.2
1.0
1.8
5.0
11.0
20.0****
S7
TS250-130
0.13
0.26
250***
3.0
1.1
1.0
2.5
6.5
12.0
20.0
S8
650
1.1
TSV250-130
0.13
0.26
250***
3.0
1.5
1.0
3.0
4.0
7.0
12.0****
S10
TS600-170
0.17
0.40
600***
3.0
2.5
1.0
21.0
4.0
9.0
18.0
S9
TS600-200-RA
0.20
0.40
600***
3.0
2.5
1.0
21.0
4.0
7.5
13.5
S9
TSM600-250
0.25
0.86
600***
3.0
2.0
3.0
6.0
1.0
3.5
7.0
—
TSM600-250-RA
0.25
0.86
600***
3.0
2.0
3.0
6.0
1.0
3.0
5.0
—
*F: lead-free device
†Electrical characteristics determined at 25°C.
**These products are intended for telecom applications. Time-to-trip is typical, please see Telecom and Networking section for details.
***RMS max. voltage.
****R1 MAX is measured one hour post-trip or 24 hours post-reflow at 20°C.
IH = Hold current: maximum current device will pass without interruption in 20°C still air.
IT = Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air.
VMAX = Maximum voltage device can withstand without damage at rated current.
IMAX = Maximum fault current device can withstand without damage at rated voltage.
PD = Power dissipated from device when in the tripped state in 20°C still air.
R1 MAX is measured one hour post reflow.
RTYP = Typical resistance of device as supplied at 20°C unless otherwise specified.


Similar Part No. - SMD075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD075 MACOM-SMD075 Datasheet
82Kb / 1P
PolySwitch짰 PTC Devices
logo
List of Unclassifed Man...
SMD075-2 ETC1-SMD075-2 Datasheet
313Kb / 4P
PolySwitch SMD
logo
Lumileds Lighting Compa...
SMD075-LA81 LUMILEDS-SMD075-LA81 Datasheet
1Mb / 17P
Mid-Power LED Light Source
SMD075-LO81 LUMILEDS-SMD075-LO81 Datasheet
1Mb / 17P
Mid-Power LED Light Source
logo
Tyco Electronics
SMD075F MACOM-SMD075F Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - SMD075

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PICOSMD035F MACOM-PICOSMD035F Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com