Electronic Components Datasheet Search
  English  ▼

X  

TSL250 Datasheet(PDF) 19 Page - Tyco Electronics

Part # TSL250
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TSL250 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button TSL250 Datasheet HTML 14Page - Tyco Electronics TSL250 Datasheet HTML 15Page - Tyco Electronics TSL250 Datasheet HTML 16Page - Tyco Electronics TSL250 Datasheet HTML 17Page - Tyco Electronics TSL250 Datasheet HTML 18Page - Tyco Electronics TSL250 Datasheet HTML 19Page - Tyco Electronics TSL250 Datasheet HTML 20Page - Tyco Electronics TSL250 Datasheet HTML 21Page - Tyco Electronics TSL250 Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
205
RoHS Compliant, ELV Compliant
10
Carrier tape width
W
16
±0.30
16.0
±0.30
16
±0.30
Sprocket hole pitch
P0
4.0
±0.10
4.0
±0.10
4.0
±0.10
P1
12.0
±0.10
8.0
±0.10
8.0
±0.10
P2
2.0
±0.10
2.0
±0.10
2.0
±0.10
A0
6.9
±0.23
5.5
±0.10
5.5
±0.10
B0
9.6
±0.15
6.2
±0.10
7.9
±0.10
B1 max.
12.1
—
8.0
—
9.2
—
Sprocket hole diameter
D0
1.5
-0/+0.1
1.55
±0.05
1.55
±0.05
F
7.5
±0.10
7.5
±0.10
7.5
±0.10
E1
1.75
±0.10
1.75
±0.10
1.75
±0.10
E2 min.
14.25
—
—
—
——
Tape thickness
T max.
0.4
—
0.45
—
0.35
—
Tape thickness with
T1 max.
0.1
—
0.1
—
0.1
—
splice cover tape thickness
K0
3.4
±0.15
7.0
±0.10
3.70
±0.10
Leader min.
300
—
390
—
390
—
Trailer min.
300
—
160
—
160
—
Reel dimensions
Reel diameter
A max.
340
—
340
—
340
—
Core diameter
N min.
50
—
50
—
50
—
Space between flanges less device
W1
16.4
-0/+2.0
16.4
-0/+2.0
16.4
-0/+2.0
Reel width
W2 max.
22.4
—
22.4
—
22.4
—
TS devices are packaged per EIA 481 and EIA 481-2 standards. See Figures T25 and T26 for details.
EIA Mark
TS250
Dimension(mm) Tolerance(mm)
TSV250
Dimension(mm) Tolerance(mm)
TSL250
Dimension(mm) Tolerance(mm)
Dimension
Description
TS250/TSL250/TSV250
Table T9 TS Tape and Reel Specifications for Telecommunications and Networking Devices
Dimension
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
32
±0.3
Sprocket hole pitch
P0
4.0
±0.1
P1
16
±0.1
P2
2.0
±0.1
A0
10
±0.1
B0
19.2
±0.1
B1 max.
21.6
Sprocket hole diameter
D0
1.5
-0/+1.0
F
14.2
±0.1
E1
1.75
±0.1
E2 min.
28.4
±0.1
Tape thickness
T max.
0.50
±0.5
Tape thickness with splice
T1 max.
0.1
K0
13.2
±0.1
Leader min.
390
Trailer min.
160
Reel Dimensions
Reel diameter
A max.
360
Core diameter
N min.
50
Space between flanges less device
W1
32.4
-0/+2.0
Reel width
W2 max.
40
TS600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com