Electronic Components Datasheet Search
  English  ▼

X  

LVR005K Datasheet(PDF) 3 Page - Tyco Electronics

Part # LVR005K
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005K Datasheet(HTML) 3 Page - Tyco Electronics

  LVR005K Datasheet HTML 1Page - Tyco Electronics LVR005K Datasheet HTML 2Page - Tyco Electronics LVR005K Datasheet HTML 3Page - Tyco Electronics LVR005K Datasheet HTML 4Page - Tyco Electronics LVR005K Datasheet HTML 5Page - Tyco Electronics LVR005K Datasheet HTML 6Page - Tyco Electronics LVR005K Datasheet HTML 7Page - Tyco Electronics LVR005K Datasheet HTML 8Page - Tyco Electronics LVR005K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Cont'd
...
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C40°C50°C60°C70°C85°C
125°C
Part Number
LVR/LVRL
240VAC /120VAC
LVR005
—
0.08
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
—
LVR008
—
0.12
0.10
0.08
0.08
0.07
0.06
0.05
0.04
0.03
—
LVR012
—
0.18
0.15
0.12
0.12
0.10
0.09
0.07
0.06
0.04
—
LVR016
—
0.24
0.20
0.16
0.16
0.13
0.11
0.10
0.08
0.05
—
LVR025
—
0.38
0.32
0.26
0.25
0.21
0.18
0.15
0.13
0.09
—
LVR033
—
0.50
0.42
0.34
0.33
0.27
0.23
0.20
0.17
0.11
—
LVR040
—
0.61
0.51
0.41
0.40
0.33
0.28
0.24
0.20
0.14
—
LVR055K
—
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
—
LVR055S
—
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
—
LVRL075S
—
1.08
0.93
0.75
0.74
0.64
0.57
0.51
0.44
0.35
—
LVRL100S
—
1.40
1.19
1.00
0.94
0.82
0.73
0.65
0.57
0.45
—
LVRL125S
—
1.80
1.53
1.25
1.20
1.04
0.94
0.83
0.73
0.60
—
LVRL135S
—
2.00
1.65
1.35
1.29
1.12
1.01
0.90
0.78
0.65
—
LVRL200S
—
3.05
2.55
2.00
1.97
1.72
1.55
1.39
1.22
0.98
—
BBRF
99VAC
BBRF550
0.85
0.75
0.65
0.55
—
0.45
0.40
0.35
0.30
0.22
—
BBRF750
1.15
1.00
0.90
0.75
—
0.61
0.55
0.48
0.41
0.30
—
RXEF
60V
RXEF005
0.078
0.068
0.06
0.05
0.048
0.04
0.035
0.032
0.027
0.02
—
RXEF010
0.16
0.14
0.11
0.10
0.096
0.08
0.072
0.067
0.05
0.04
—
RXEF017
0.26
0.23
0.21
0.17
0.16
0.14
0.12
0.11
0.09
0.07
—
RXEF
72V
RXEF020
0.31
0.27
0.24
0.20
0.19
0.16
0.14
0.13
0.11
0.08
—
RXEF025
0.39
0.34
0.30
0.25
0.24
0.20
0.18
0.16
0.14
0.10
—
RXEF030
0.47
0.41
0.36
0.30
0.29
0.24
0.22
0.20
0.16
0.12
—
RXEF040
0.62
0.54
0.48
0.40
0.38
0.32
0.29
0.25
0.22
0.16
—
RXEF050
0.78
0.68
0.60
0.50
0.48
0.41
0.36
0.32
0.27
0.20
—
RXEF065
1.01
0.88
0.77
0.65
0.62
0.53
0.47
0.41
0.35
0.26
—
RXEF075
1.16
1.02
0.89
0.75
0.72
0.61
0.54
0.47
0.41
0.30
—
RXEF090
1.40
1.22
1.07
0.90
0.86
0.73
0.65
0.57
0.49
0.36
—
LVR
LVRL
BBRF
RXEF
RXEF
RTEF
RUEF
RGEF
RHEF
RHEF
RUSBF
RUSBF
Voltage Rating
265VAC
135VAC
99V
72V
60V
33V
30V
16V
16V
30V
16V
6V
Hold Current (A)
———————————
—
2.000
—
0.431Ω
—
—
—
—
—
—
0.061Ω
——
—
2.500
—
—
—
0.065Ω
—
—
0.030Ω
0.038Ω
—
—
0.030Ω
—
3.000
—
—
—
0.050Ω
—
—
0.035Ω
0.0514Ω
0.043Ω
——
—
3.750
—
—
—
0.040Ω
———————
—
4.000
—
—
—
—
—
—
0.020Ω
0.030Ω
0.032Ω
——
—
4.500
—
—
—
—
—
—
—
—
0.029Ω
——
—
5.000
—
—
—
—
—
—
0.020Ω
0.0192Ω
———
—
5.500
—
—
—
—
—
—
—
—
0.020Ω
——
—
6.000
—
—
—
—
—
—
0.013Ω
0.0145Ω
0.0175Ω
——
—
6.500
—
—
—
—
—
—
—
—
0.0144Ω
——
—
7.000
—
—
—
—
—
—
0.013Ω
0.0105Ω
0.0132Ω
——
—
7.500
—
—
—
—
—
—
—
—
0.012Ω
——
—
8.000
—
—
—
—
—
—
0.013Ω
0.0086Ω
0.0110Ω
——
—
9.000
—
—
—
—
—
—
0.008Ω
0.0070Ω
0.010Ω
——
—
10.00
—
—
—
—
—
—
—
0.0056Ω
0.0083Ω
——
—
11.00
—
—
—
—
—
—
—
0.0050Ω
0.0073Ω
——
—
12.00
—
—
—
—
—
—
—
0.0046Ω
———
—
13.00
—
—
—
—
—
—
—
—
0.0055Ω
——
—
14.00
—
—
—
—
—
—
—
0.0040Ω
0.005Ω
——
—
15.00
—
—
—
—
—
—
—
—
0.005Ω
——
—
Table R2 - Thermal Derating for Radial-leaded Devices [Hold Current (A) at Ambient Temperature (°C)]
Table R1 - Product Series - Current Rating, Voltage Rating/Typical Resistance for Radial-leaded Devices
Cont'd
...
13
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com