Electronic Components Datasheet Search
  English  ▼

X  

PDTC124TT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC124TT
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124TT Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC124TT Datasheet HTML 1Page - NXP Semiconductors PDTC124TT Datasheet HTML 2Page - NXP Semiconductors PDTC124TT Datasheet HTML 3Page - NXP Semiconductors PDTC124TT Datasheet HTML 4Page - NXP Semiconductors PDTC124TT Datasheet HTML 5Page - NXP Semiconductors PDTC124TT Datasheet HTML 6Page - NXP Semiconductors PDTC124TT Datasheet HTML 7Page - NXP Semiconductors PDTC124TT Datasheet HTML 8Page - NXP Semiconductors PDTC124TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 13
5
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTC124T series
THERMAL CHARACTERISTICS
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
SOT54
note 1
250
K/W
SOT23
note 1
500
K/W
SOT346
note 1
500
K/W
SOT323
note 1
625
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W
SOT416
note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 50 V; IE = 0 A
−
−
100
nA
ICEO
collector-emitter cut-off current
VCE = 30 V; IB = 0 A
−
−
1
μA
VCE = 30 V; IB = 0 A; Tj = 150 °C
−
−
50
μA
IEBO
emitter-base cut-off current
VEB = 5 V; IC = 0 A
−
−
100
nA
hFE
DC current gain
VCE = 5 V; IC = 1 mA
100
−
−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
−
150
mV
R1
input resistor
15.4
22
28.6
k
Ω
Cc
collector capacitance
IE = ie = 0 A; VCB = 10 V;
f = 1 MHz
−
−
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com