Electronic Components Datasheet Search
  English  ▼

X  

20021311 Datasheet(PDF) 1 Page - FCI connector

Part # 20021311
Description  1.27X1.27MM BTB RECEPTACLE VERTICAL, MT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

20021311 Datasheet(HTML) 1 Page - FCI connector

  20021311 Datasheet HTML 1Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDM: Rev:B
Released
.
STATUS:
Printed: Jan 28, 2010


Similar Part No. - 20021311

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
20021311-00074T1LF AMPHENOLCS-20021311-00074T1LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021311-XXX04C1LF AMPHENOLCS-20021311-XXX04C1LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021311-XXX04C4LF AMPHENOLCS-20021311-XXX04C4LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021311-XXX04C8LF AMPHENOLCS-20021311-XXX04C8LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
20021311-XXX04D1LF AMPHENOLCS-20021311-XXX04D1LF Datasheet
396Kb / 3P
Minitek127® Board-to-Board Connector
More results

Similar Description - 20021311

ManufacturerPart #DatasheetDescription
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021121 FCI-CONNECTOR-20021121 Datasheet
64Kb / 1P
1.27X1.27MM BTB HEADER UNSTROUDED, SMT
20021221 FCI-CONNECTOR-20021221 Datasheet
103Kb / 2P
1.27X1.27MM BTB HEADER SHROUDED, SMT
20021321 FCI-CONNECTOR-20021321 Datasheet
115Kb / 2P
1.27X1.27MM BTB RECEPTACLE SMT
20021444-00006XXLF FCI-CONNECTOR-20021444-00006XXLF Datasheet
69Kb / 1P
1.27X1.27MM CTB,IDC RECEPTACLE
logo
Wurth Elektronik GmbH &...
695405151122 WURTH-695405151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695402151122 WURTH-695402151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
658101003064 WURTH-658101003064 Datasheet
259Kb / 5P
1.00mm SMT Female Shrouded Vertical Receptacle 10.30mm Height WR-BTB
logo
AVX Corporation
13-9159 AVX-13-9159 Datasheet
1Mb / 6P
Vertical Plug: BTB
logo
Amphenol Communications...
10164227 AMPHENOLCS-10164227 Datasheet
1Mb / 6P
RECEPTACLE BERGSTAK 0.4MM BTB
Rev. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com