Electronic Components Datasheet Search
  English  ▼

X  

PDTC144TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC144TS
Description  NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC144TS Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC144TS Datasheet HTML 1Page - NXP Semiconductors PDTC144TS Datasheet HTML 2Page - NXP Semiconductors PDTC144TS Datasheet HTML 3Page - NXP Semiconductors PDTC144TS Datasheet HTML 4Page - NXP Semiconductors PDTC144TS Datasheet HTML 5Page - NXP Semiconductors PDTC144TS Datasheet HTML 6Page - NXP Semiconductors PDTC144TS Datasheet HTML 7Page - NXP Semiconductors PDTC144TS Datasheet HTML 8Page - NXP Semiconductors PDTC144TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2004 Apr 06
2004 Aug 17
DISCRETE SEMICONDUCTORS
PDTC144T series
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open


Similar Part No. - PDTC144TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144TS PHILIPS-PDTC144TS Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
logo
Nexperia B.V. All right...
PDTC144TS NEXPERIA-PDTC144TS Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144TS NEXPERIA-PDTC144TS Datasheet
401Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
PDTC144TS NEXPERIA-PDTC144TS Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
More results

Similar Description - PDTC144TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144T NXP-PDTA144T Datasheet
180Kb / 14P
PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 05
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
PEMH14 NXP-PEMH14 Datasheet
101Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
PDTC144T PHILIPS-PDTC144T_15 Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PDTC144TMB PHILIPS-PDTC144TMB_15 Datasheet
586Kb / 11P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = open
Rev. 1-29 June 2012
PEMH14_PUMH14 PHILIPS-PEMH14_PUMH14_15 Datasheet
101Kb / 8P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PDTC144TMB NEXPERIA-PDTC144TMB Datasheet
721Kb / 12P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = open
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com