Electronic Components Datasheet Search
  English  ▼

X  

VLR170UF Datasheet(PDF) 1 Page - Tyco Electronics

Part # VLR170UF
Description  PolySwitch짰PTC Devices
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR170UF Datasheet(HTML) 1 Page - Tyco Electronics

  VLR170UF Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT: VLR170UF
DOCUMENT: SCD 25397
PCN: A46524
REV LETTER: C
REV DATE: JUNE 25, 2007
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Operating Voltage:
12Vdc
Interrupt Current:
100A
Chip Size: 3.6 X 10mm
Leads: Nickel 1/4H
0.125mm nominal thickness
Tape: None
Solder: Lead-Free
Marking: None
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
20.8
23.2
3.5
3.7
---
0.7
5.3
6.7
5.3
6.7
2.4
2.6
in*:
(0.81)
(0.91)
(0.14)
(0.15)
--
(0.03)
(0.21)
(0.26)
(0.21)
(0.26)
(0.09)
(0.10)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS: As measured in Mueller Kelvin Clips model BU-75K.
I HOLD
CURRENT TRIP LIMITS
TIME TO
TRIP
REFERENCE
RESISTANCE
ONE-HOUR
POST-TRIP
RESISTANCE
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
25°C
AMPS
AT 0°C
AMPS
AT 25°C
AMPS
AT 60°C
AMPS
AT --°C
SECONDS AT
25°C, 8.5A
OHMS
AT 25°C
OHMS
AT 25°C
WATTS AT
25°C, 12V
HOLD
HOLD
TRIP
HOLD TRIP HOLD
TRIP HOLD TRIP
MIN
MAX
MIN
MAX
MIN
MAX
MAX
1.7
2.4
5.6
1.7
4.1
0.7
1.9
---
---
---
5
0.018 0.032
0.018
0.064
---
1.4
Agency Recognitions:
UL, TUV, CSA
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information:
ROHS Compliant
ELV Compliant
Pb-Free
© 2005, 2007 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - VLR170UF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VLR170UF MACOM-VLR170UF Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
VLR170UF MACOM-VLR170UF Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
More results

Similar Description - VLR170UF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LR4-260SF MACOM-LR4-260SF Datasheet
48Kb / 1P
PolySwitch짰PTC Devices
LR4-1300SSF MACOM-LR4-1300SSF Datasheet
47Kb / 1P
PolySwitch짰PTC Devices
SRP200 MACOM-SRP200 Datasheet
72Kb / 1P
PolySwitch짰PTC Devices
SRP420 MACOM-SRP420 Datasheet
73Kb / 1P
PolySwitch짰PTC Devices
TRF250-120T-B-0.5 MACOM-TRF250-120T-B-0.5 Datasheet
82Kb / 1P
PolySwitch짰PTC Devices
TRF250-183US MACOM-TRF250-183US Datasheet
87Kb / 1P
PolySwitch짰PTC Devices
TS250-130F-B-0.5 MACOM-TS250-130F-B-0.5 Datasheet
80Kb / 1P
PolySwitch짰PTC Devices
SMD030F MACOM-SMD030F Datasheet
34Kb / 1P
PolySwitch짰PTC Devices
SMD075F MACOM-SMD075F_1 Datasheet
33Kb / 1P
PolySwitch짰PTC Devices
VLR230UF MACOM-VLR230UF Datasheet
37Kb / 1P
PolySwitch짰PTC Devices
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com