Electronic Components Datasheet Search
  English  ▼

X  

RUSBF110-2 Datasheet(PDF) 16 Page - Tyco Electronics

Part # RUSBF110-2
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF110-2 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button RUSBF110-2 Datasheet HTML 12Page - Tyco Electronics RUSBF110-2 Datasheet HTML 13Page - Tyco Electronics RUSBF110-2 Datasheet HTML 14Page - Tyco Electronics RUSBF110-2 Datasheet HTML 15Page - Tyco Electronics RUSBF110-2 Datasheet HTML 16Page - Tyco Electronics RUSBF110-2 Datasheet HTML 17Page - Tyco Electronics RUSBF110-2 Datasheet HTML 18Page - Tyco Electronics RUSBF110-2 Datasheet HTML 19Page - Tyco Electronics RUSBF110-2 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
126
RoHS Compliant, ELV Compliant
10
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Lead material
Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder heat withstand
per IEC-STD 68-2-20, Test Tb, Method 1A, Condition B, can withstand 10 seconds at 260°C ±5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Operation temperature
-40°C~85°C
Note: Devices are not designed to be placed through a reflow process.
BBRF
Physical Characteristics
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±10%
Thermal shock
85°C, -40°C (10 times)
±10%
Solvent resistance
MIL-STD-202, Method 215F
No change
Lead material
RXEF005
: Tin-plated nickel-copper alloy, 0.128mm2 (26AWG), ø0.40mm (0.016in.)
RXEF010
: Tin-plated nickel-copper alloy, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RXEF017 to 040 : Tin-plated copper-clad steel, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RXEF050 to 090 : Tin-plated copper, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RXEF110 to 375 : Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
RXEF005, RXEF010 meet ANSI/J-STD-002 Category 1
Solder heat withstand
RXEF017- RXEF025: per IEC-STD 68-2-20, Test Tb, Method 1a, condition a;
can withstand 5 seconds at 260°C ±5°C
All other sizes: per IEC-STD 68-2-20, Test Tb, Method 1a, condition b;
can withstand 10 seconds at 260°C ±5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Operation temperature
-40°C~85°C
Note: Devices are not designed to be placed through a reflow process.
RXEF
Physical Characteristics
Environmental Specifications
Lead material
RKEF050 to 090 : Tin-plated copper, 0.205mm2 (24AWG), ø0.51mm (0.020in.)
RKEF110 to 500 : Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm (0.032in.)
Soldering characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder heat withstand
RKEF050-RKEF185 : per IEC-STD 68-2-20, Test Tb, Method 1a, condition a;
can withstand 5 seconds at 260°C ±5°C
All other sizes: per IEC-STD 68-2-20, Test Tb, Method 1a, condition b;
RKEF can withstand 10 seconds at 260°C ±5°C
Insulating material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Operation temperature
-40°C~85°C
Note: Devices are not designed to be placed through a reflow process.
RKEF
Physical Characteristics
Table R5 Physical Characteristics and Environmental Specifications for Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com