Electronic Components Datasheet Search
  English  ▼

X  

SMD150F Datasheet(PDF) 14 Page - Tyco Electronics

Part # SMD150F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD150F Datasheet(HTML) 14 Page - Tyco Electronics

Back Button SMD150F Datasheet HTML 10Page - Tyco Electronics SMD150F Datasheet HTML 11Page - Tyco Electronics SMD150F Datasheet HTML 12Page - Tyco Electronics SMD150F Datasheet HTML 13Page - Tyco Electronics SMD150F Datasheet HTML 14Page - Tyco Electronics SMD150F Datasheet HTML 15Page - Tyco Electronics SMD150F Datasheet HTML 16Page - Tyco Electronics SMD150F Datasheet HTML 17Page - Tyco Electronics SMD150F Datasheet HTML 18Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
11
DEVICES FOR BA TTERY P ACK APPLICA TIONS
Top View
Side View
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
B
C
A
Top View
Side View
VLR: 85˚C Typical Activation
ELV Compliant, RoHS Compliant
Top View
Side View
Figure 1
Figure 2
A
B
C
Dimensions (millimeters/
inches)
Part
IH*
IT
V max.
I max.
R max. initial
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(max.)
Fig.
VLP210†
2.1
5
16
60
0.030
UL, TÜV, CSA
17.5
(0.689)
7.3
(0.287)
0.8
(0.032)
4
VLP220F
2.2
5.3
16
60
0.029
UL, TÜV, CSA
23.3
(0.917)
3.9
(0.154)
0.8
(0.032)
5
VLP270F
2.7
6.5
16
60
0.018
UL, TÜV, CSA
23.1
(0.909)
5.3
(0.208)
0.8
(0.032)
5
* Hold current @ 25°C.
† Please contact Raychem Circuit Protection for RoHS compliant version.
VLP: 90˚C Typical Activation
ELV Compliant, RoHS Compliant
This product line is designed for battery
pack applications. Several material plat-
forms are available to help meet the spe-
cific protection needs of different cell
chemistries (e.g. Li-ion, NiMH, and NiCd).
A variety of space efficient form factors
helps the designer minimize pack size.
Providing both overcurrent and overtemperature
protection, the low-resistance characteristics of the
VLP devices help battery pack designers lower pack
impedance. In addition, the VLP devices narrow,
low-profile form factor and axial leads allow them
to be welded directly to battery cells, conserving
valuable space in portable electronics applications.
Top View
Side View
Figure 5
A
B
C
Figure 4
A
B
C
Top View
Side View
Figure 3
Dimensions (millimeters/
inches)
Part
IH*
IT
V max.
I max.
R max. initial
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(max.)
Fig.
VLR170F
1.7
4.1
12
100
0.032
UL, TÜV, CSA
23.2
(0.913)
3.9
(0.153)
0.8
(0.032)
1
VLR170L†
1.7
4.1
12
100
0.032
UL, TÜV, CSA
41.2
(1.622)
3.9
(0.153)
0.8
(0.032)
1
VLR170UF
1.7
4.1
12
100
0.032
UL, TÜV, CSA
23.2
(0.913)
3.7
(0.146)
0.7
(0.028)
3
VLR175F
1.75
4.2
12
100
0.031
UL, TÜV, CSA
24.5
(0.965)
3.3
(0.130)
0.8
(0.032)
1
VLR175LF
1.75
4.2
12
100
0.031
UL, TÜV, CSA
31.7
(1.248)
3.3
(0.130)
0.8
(0.032)
1
VLR175UF
1.75
4.2
12
100
0.031
UL, TÜV, CSA
24.5
(0.96)
3.1
(0.12)
0.7
(0.028)
3
VLR230F
2.3
5
12
100
0.018
UL, TÜV, CSA
23.1
(0.909)
5.3
(0.208)
0.8
(0.032)
1
VLR230-C36†
2.3
5
12
100
0.018
UL, TÜV, CSA
27.7
(1.091)
3.9
(0.153)
0.8
(0.032)
1
VLR230S†
2.3
5
12
100
0.018
UL, TÜV, CSA
23.1
(0.909)
5.3
(0.208)
0.8
(0.032)
2
VLR230SU†
2.3
5
12
100
0.018
UL, TÜV, CSA
23.1
(0.909)
5.1
(0.201)
0.7
(0.028)
2
VLR230UF
2.3
5
12
100
0.018
UL, TÜV, CSA
23.1
(0.909)
5.1
(0.201)
0.7
(0.028)
3
* Hold current @ 25°C.
† Please contact Raychem Circuit Protection for RoHS compliant version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com