Electronic Components Datasheet Search
  English  ▼

X  

SMD200F Datasheet(PDF) 6 Page - Tyco Electronics

Part # SMD200F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD200F Datasheet(HTML) 6 Page - Tyco Electronics

Back Button SMD200F Datasheet HTML 2Page - Tyco Electronics SMD200F Datasheet HTML 3Page - Tyco Electronics SMD200F Datasheet HTML 4Page - Tyco Electronics SMD200F Datasheet HTML 5Page - Tyco Electronics SMD200F Datasheet HTML 6Page - Tyco Electronics SMD200F Datasheet HTML 7Page - Tyco Electronics SMD200F Datasheet HTML 8Page - Tyco Electronics SMD200F Datasheet HTML 9Page - Tyco Electronics SMD200F Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RADIAL-LEADED DEVICES FOR ELECTRONICS APPLICA TIONS
3
30V
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(V)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RUEF090
0.90
1.8
30
40
0.22
UL, TÜV, CSA
7.4
(0.29)
12.2
(0.48)
5.08
(0.20)
9
RUEF110
1.10
2.2
30
40
0.17
UL, TÜV, CSA
7.4
(0.29)
14.2
(0.56)
5.08
(0.20)
9
RUEF135
1.35
2.7
30
40
0.13
UL, TÜV, CSA
8.9
(0.35)
13.5
(0.53)
5.08
(0.20)
9
RUEF160
1.60
3.2
30
40
0.11
UL, TÜV, CSA
8.9
(0.35)
15.2
(0.60)
5.08
(0.20)
9
RUEF185
1.85
3.7
30
40
0.09
UL, TÜV, CSA
10.2
(0.40)
15.7
(0.62)
5.08
(0.20)
9
RUEF250
2.50
5.0
30
40
0.07
UL, TÜV, CSA
11.4
(0.45)
18.3
(0.72)
5.08
(0.20)
9
RUEF300
3.00
6.0
30
40
0.08
UL, TÜV, CSA
11.4
(0.45)
17.3
(0.68)
5.08
(0.20)
10
RUEF400
4.00
8.0
30
40
0.05
UL, TÜV, CSA
14.0
(0.55)
20.1
(0.79)
5.08
(0.20)
10
RUEF500
5.00
10.0
30
40
0.05
UL, TÜV, CSA
14.0
(0.55)
24.9
(0.98)
10.90
(0.43)
10
RUEF600
6.00
12.0
30
40
0.04
UL, TÜV, CSA
16.5
(0.65)
24.9
(0.98)
10.90
(0.43)
10
RUEF700
7.00
14.0
30
40
0.03
UL, TÜV, CSA
19.1
(0.75)
26.7
(1.05)
10.90
(0.43)
10
RUEF800
8.00
16.0
30
40
0.02
UL, TÜV, CSA
21.6
(0.85)
29.2
(1.15)
10.90
(0.43)
10
RUEF900
9.00
18.0
30
40
0.02
UL, TÜV, CSA
24.1
(0.95)
29.7
(1.17)
10.90
(0.43)
10
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
33V
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(V)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RTEF120
1.20
2.3
33
40
0.180
UL, TÜV, CSA
7.4
(0.29)
12.2
(0.48)
5.08
(0.20)
8
RTEF135
1.35
2.5
33
40
0.143
UL, TÜV, CSA
7.4
(0.29)
14.2
(0.56)
5.08
(0.20)
8
RTEF190
1.90
3.0
33
40
0.092
UL, TÜV, CSA
8.9
(0.35)
13.5
(0.53)
5.08
(0.20)
8
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
Figure 9
A
B
C
Lead size
RUEF090–250
Ø 0.51
(0.020)
24 AWG
Figure 10
A
B
C
Lead size
RUEF300–900
Ø 0.81
(0.032)
20 AWG
The RTEF series devices offer a 33V rating and
tighter trip-to-hold ratios than other radial-leaded
devices to help comply with the IEEE 1394 specifi-
cation. These devices can also be used in other
applications where the benefit of a tighter trip-to-
hold ratio is desired.
The RUEF series devices offer hold currents from
900mA to 9.0A. They are used in many markets
including computer/multimedia, industrial equipment
and controls, as well as consumer and general
electronics.
Lead size
RTEF120–190
Ø 0.51
(0.020)
24 AWG
Figure 8
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com