Electronic Components Datasheet Search
  English  ▼

X  

VTP170F Datasheet(PDF) 8 Page - Tyco Electronics

Part # VTP170F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VTP170F Datasheet(HTML) 8 Page - Tyco Electronics

Back Button VTP170F Datasheet HTML 4Page - Tyco Electronics VTP170F Datasheet HTML 5Page - Tyco Electronics VTP170F Datasheet HTML 6Page - Tyco Electronics VTP170F Datasheet HTML 7Page - Tyco Electronics VTP170F Datasheet HTML 8Page - Tyco Electronics VTP170F Datasheet HTML 9Page - Tyco Electronics VTP170F Datasheet HTML 10Page - Tyco Electronics VTP170F Datasheet HTML 11Page - Tyco Electronics VTP170F Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RADIAL-LEADED DEVICES FOR ELECTRONICS APPLICA TIONS
5
16V High Temperature
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(V)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RUSBF090
0.90
1.8
16
40
0.18
UL, TÜV, CSA
7.4
(0.29)
12.2
(0.48)
5.08
(0.20)
16
RUSBF110
1.10
2.2
16
40
0.14
UL, TÜV, CSA
7.4
(0.29)
14.2
(0.56)
5.08
(0.20)
16
RUSBF135
1.35
2.7
16
40
0.12
UL, TÜV, CSA
8.9
(0.35)
13.5
(0.53)
5.08
(0.20)
16
RUSBF160
1.60
3.2
16
40
0.11
UL, TÜV, CSA
8.9
(0.35)
15.2
(0.60)
5.08
(0.20)
16
RUSBF185
1.85
3.7
16
40
0.09
UL, TÜV, CSA
10.2
(0.40)
15.7
(0.62)
5.08
(0.20)
16
RUSBF250
2.50
5.0
16
40
0.06
UL, TÜV, CSA
11.4
(0.45)
18.3
(0.72)
5.08
(0.20)
16
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
6V
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(V)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RUSBF075
0.75
1.30
6
40
0.23
UL, TÜV, CSA
6.9
(0.27)
11.4
(0.45)
5.08
(0.20)
17
RUSBF120
1.20
2.00
6
40
0.14
UL, TÜV, CSA
6.9
(0.27)
11.7
(0.46)
5.08
(0.20)
17
RUSBF155
1.55
2.65
6
40
0.10
UL, TÜV, CSA
6.9
(0.27)
11.7
(0.46)
5.08
(0.20)
17
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
Figure 17
A
B
C
Lead size
Ø 0.51
(0.020)
24 AWG
The RUSBF series devices were developed for the
USB serial bus specification in computer and multi-
media applications.
The RUSBF series devices were developed for the
USB serial bus specification in computer and multi-
media applications. These 6V products are particular-
ly well suited for USB computer monitor protection
applications where through-hole devices are still the
preferred solution.
Lead size
Ø 0.51
(0.020)
24 AWG
Figure 16
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com