Electronic Components Datasheet Search
  English  ▼

X  

PEMB30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PEMB30
Description  PNP/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB30 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PEMB30 Datasheet HTML 2Page - NXP Semiconductors PEMB30 Datasheet HTML 3Page - NXP Semiconductors PEMB30 Datasheet HTML 4Page - NXP Semiconductors PEMB30 Datasheet HTML 5Page - NXP Semiconductors PEMB30 Datasheet HTML 6Page - NXP Semiconductors PEMB30 Datasheet HTML 7Page - NXP Semiconductors PEMB30 Datasheet HTML 8Page - NXP Semiconductors PEMB30 Datasheet HTML 9Page - NXP Semiconductors PEMB30 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PEMB30_PUMB30_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 September 2009
6 of 10
NXP Semiconductors
PEMB30; PUMB30
PNP/PNP double resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
10. Soldering
Dimensions in mm
Fig 5.
Reflow soldering footprint SOT363 (SC-88)
Fig 6.
Wave soldering footprint SOT363 (SC-88)
solder lands
solder resist
occupied area
solder paste
sot363_fr
2.65
2.35
0.4 (2
×)
0.6
(2
×)
0.5
(4
×)
0.5
(4
×)
0.6
(4
×)
0.6
(4
×)
1.5
1.8
Dimensions in mm
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com