Electronic Components Datasheet Search
  English  ▼

X  

PEMD10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMD10
Description  NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD10 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMD10 Datasheet HTML 1Page - NXP Semiconductors PEMD10 Datasheet HTML 2Page - NXP Semiconductors PEMD10 Datasheet HTML 3Page - NXP Semiconductors PEMD10 Datasheet HTML 4Page - NXP Semiconductors PEMD10 Datasheet HTML 5Page - NXP Semiconductors PEMD10 Datasheet HTML 6Page - NXP Semiconductors PEMD10 Datasheet HTML 7Page - NXP Semiconductors PEMD10 Datasheet HTML 8Page - NXP Semiconductors PEMD10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Apr 15
2
NXP Semiconductors
Product data sheet
NPN/PNP resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 47 kΩ
PEMD10; PUMD10
FEATURES
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs.
APPLICATIONS
• Low current peripheral driver
• Replacement of general purpose transistors in digital
applications
• Control of IC inputs.
DESCRIPTION
NPN/PNP resistor-equipped transistors (see “Simplified
outline, symbol and pinning” for package details).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−
50
V
IO
output current (DC)
−
100
mA
TR1
NPN
−
−
−
TR2
PNP
−
−
−
R1
bias resistor
2.2
−
k
Ω
R2
bias resistor
47
−
k
Ω
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
PACKAGE
MARKING CODE
PNP/PNP
COMPLEMENT
NPN/NPN
COMPLEMENT
PHILIPS
EIAJ
PEMD10
SOT666
−
D1
PEMB10
PEMH10
PUMD10
SOT363
SC-88
D*0(1)
PUMB10
PUMH10
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PEMD10; PUMD10
1
emitter TR1
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
handbook, halfpage
MAM448
12
3
4
6
5
Top view
65
4
12
3
R2
TR1
TR2
R1
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com