Electronic Components Datasheet Search
  English  ▼

X  

PEMD14 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PEMD14
Description  NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD14 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PEMD14 Datasheet HTML 3Page - NXP Semiconductors PEMD14 Datasheet HTML 4Page - NXP Semiconductors PEMD14 Datasheet HTML 5Page - NXP Semiconductors PEMD14 Datasheet HTML 6Page - NXP Semiconductors PEMD14 Datasheet HTML 7Page - NXP Semiconductors PEMD14 Datasheet HTML 8Page - NXP Semiconductors PEMD14 Datasheet HTML 9Page - NXP Semiconductors PEMD14 Datasheet HTML 10Page - NXP Semiconductors PEMD14 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NXP Semiconductors
PEMD14; PUMD14
NPN/PNP resistor-equipped transistors; R1 = 47 k
Ω, R2 = open
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 2 September 2009
Document identifier: PEMD14_PUMD14_2
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information. . . . . . . . . . . . . . . . . . . . . . 8
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . 10
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 10
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
11.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
12
Contact information. . . . . . . . . . . . . . . . . . . . . 10
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com