Electronic Components Datasheet Search
  English  ▼

X  

PEMD15 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PEMD15
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD15 Datasheet(HTML) 5 Page - NXP Semiconductors

  PEMD15 Datasheet HTML 1Page - NXP Semiconductors PEMD15 Datasheet HTML 2Page - NXP Semiconductors PEMD15 Datasheet HTML 3Page - NXP Semiconductors PEMD15 Datasheet HTML 4Page - NXP Semiconductors PEMD15 Datasheet HTML 5Page - NXP Semiconductors PEMD15 Datasheet HTML 6Page - NXP Semiconductors PEMD15 Datasheet HTML 7Page - NXP Semiconductors PEMD15 Datasheet HTML 8Page - NXP Semiconductors PEMD15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PEMD15_PUMD15_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 September 2009
5 of 10
NXP Semiconductors
PEMD15; PUMD15
NPN/PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 4.7 kΩ
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 1.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 2.
TR1 (NPN): Collector-emitter saturation
voltage as a function of collector current;
typical values
VCE = 0.3 V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
VCE =5V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 3.
TR1 (NPN): On-state input voltage as a
function of collector current; typical values
Fig 4.
TR1 (NPN): Off-state input voltage as a
function of collector current; typical values
IC (mA)
10−1
102
10
1
006aaa030
102
10
103
hFE
1
(1)
(2)
(3)
IC (mA)
1102
10
006aaa031
10−1
1
VCEsat
(V)
10−2
(1)
(2)
(3)
006aaa032
IC (mA)
10−1
102
10
1
1
10
VI(on)
(V)
10−1
(2)
(1)
(3)
006aaa033
IC (mA)
10−2
10
1
10−1
1
10
VI(off)
(V)
10−1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com