Electronic Components Datasheet Search
  English  ▼

X  

PEMH13 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PEMH13
Description  NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMH13 Datasheet(HTML) 1 Page - NXP Semiconductors

  PEMH13 Datasheet HTML 1Page - NXP Semiconductors PEMH13 Datasheet HTML 2Page - NXP Semiconductors PEMH13 Datasheet HTML 3Page - NXP Semiconductors PEMH13 Datasheet HTML 4Page - NXP Semiconductors PEMH13 Datasheet HTML 5Page - NXP Semiconductors PEMH13 Datasheet HTML 6Page - NXP Semiconductors PEMH13 Datasheet HTML 7Page - NXP Semiconductors PEMH13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2003 Nov 07
2004 Apr 14
DISCRETE SEMICONDUCTORS
PEMH13; PUMH13
NPN/NPN resistor-equipped
transistors; R1 = 4.7 k
Ω, R2 = 47 kΩ


Similar Part No. - PEMH13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMH13 PHILIPS-PEMH13 Datasheet
61Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH13 NEXPERIA-PEMH13 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
29 December 2022
logo
NXP Semiconductors
PEMH13_PUMH13 PHILIPS-PEMH13_PUMH13_15 Datasheet
623Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 4.7 k?? R2 = 47 k?
Rev. 4-6 December 2011
More results

Similar Description - PEMH13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTC143ZMB PHILIPS-PDTC143ZMB_15 Datasheet
720Kb / 11P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
logo
Nexperia B.V. All right...
PDTC143ZMB NEXPERIA-PDTC143ZMB Datasheet
961Kb / 12P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com