Electronic Components Datasheet Search
  English  ▼

X  

PEMH16 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMH16
Description  NPN/NPN resistor-equipped transistors;
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMH16 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMH16 Datasheet HTML 1Page - NXP Semiconductors PEMH16 Datasheet HTML 2Page - NXP Semiconductors PEMH16 Datasheet HTML 3Page - NXP Semiconductors PEMH16 Datasheet HTML 4Page - NXP Semiconductors PEMH16 Datasheet HTML 5Page - NXP Semiconductors PEMH16 Datasheet HTML 6Page - NXP Semiconductors PEMH16 Datasheet HTML 7Page - NXP Semiconductors PEMH16 Datasheet HTML 8Page - NXP Semiconductors PEMH16 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PEMH16_PUMH16_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
3 of 9
NXP Semiconductors
PEMH16; PUMH16
NPN/NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
7
V
VI
input voltage
positive
-
+40
V
negative
-
−7V
IO
output current
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -200
mW
SOT666
[1][2] -200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -300
mW
SOT666
[1][2] -300
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com