Electronic Components Datasheet Search
  English  ▼

X  

PEMZ7 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMZ7
Description  NPN/PNP general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMZ7 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMZ7 Datasheet HTML 1Page - NXP Semiconductors PEMZ7 Datasheet HTML 2Page - NXP Semiconductors PEMZ7 Datasheet HTML 3Page - NXP Semiconductors PEMZ7 Datasheet HTML 4Page - NXP Semiconductors PEMZ7 Datasheet HTML 5Page - NXP Semiconductors PEMZ7 Datasheet HTML 6Page - NXP Semiconductors PEMZ7 Datasheet HTML 7Page - NXP Semiconductors PEMZ7 Datasheet HTML 8Page - NXP Semiconductors PEMZ7 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2001 Nov 07
2
NXP Semiconductors
Product data sheet
NPN/PNP general purpose transistors
PEMZ7
FEATURES
• 300 mW total power dissipation
• Very small 1.6 × 1.2 mm ultra thin package
• Self alignment during soldering due to straight leads
• Low collector capacitance
• Low V
CEsat
• High current capabilities
• Improved thermal behaviour due to flat leads
• Reduced required PCB area
• Reduced pick and place costs.
APPLICATIONS
• Heavy duty battery powered equipment (automotive,
telecom and audio-video) such as motor and lamp
drivers
• V
CEsat critical applications such as latest low supply
voltage IC applications
• All battery driven equipment, to save battery power.
DESCRIPTION
NPN/PNP low VCEsat transistor pair in a SOT666 plastic
package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
PEMZ7
Z7
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
handbook, halfpage
MAM456
13
2
TR1
TR2
6
4
5
12
3
4
6
5
Top view
Fig.1 Simplified outline (SOT666) and symbol.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com