Electronic Components Datasheet Search
  English  ▼

X  

RTS Datasheet(PDF) 1 Page - Recom International Power

Part # RTS
Description  2 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTS Datasheet(HTML) 1 Page - Recom International Power

  RTS_10 Datasheet HTML 1Page - Recom International Power RTS_10 Datasheet HTML 2Page - Recom International Power RTS_10 Datasheet HTML 3Page - Recom International Power RTS_10 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECONOLINE
DC/DC-Converter
www.recom-international.com
E-49
REV:0/2010
Refer to Application Notes
RTS-RTD
Refer to Application Notes
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
RTS**-xx3.3
(H)
5, 12, 15, 24
3.3
606
70-75
RTS**-xx05
(H)
5, 12, 15, 24
5
400
80-85
RTS**-xx09
(H)
5, 12, 15, 24
9
222
80-85
RTS**-xx12
(H)
5, 12, 15, 24
12
167
80-85
RTS**-xx15
(H)
5, 12, 15, 24
15
133
80-85
RTS**-xx24
(H)
5, 12, 15, 24
24
83
80-85
RTD**-xx05
(H)
5, 12, 15, 24
±5
±200
70-75
RTD**-xx09
(H)
5, 12, 15, 24
±9
±111
75-78
RTD**-xx12
(H)
5, 12, 15, 24
±12
±83
75-83
RTD**-xx15
(H)
5, 12, 15, 24
±15
±66
75-85
RTD**-xx24
(H)
5, 12, 15, 24
±24
±42
78-85
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RTS-0505/P, RTD-0505/HP
* add suffix -R for tape&reel packing e.g.
RTS-0505-R. For more details see Tapes Section.
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
RTS typ.
124mW min. / 186mW typ. / 350mW max.
RTD typ.
159mW min. / 192mW typ. / 350mW max.
cont.
2 Watt
SMD
Single &
Dual Output
● 1kVDC and 3kVDC Isolation Options
● Approved for Medical Applications
● Suitable for Automated Assembly
● High Power Density
● Optional Continuous Short Circuit Protection
● Efficiency to 85 %
● RoHS 5/6 Conform
Features
Unregulated
Converters
Description
EN-60950-1 Certified
(All Suffixes)
EN-60601-1 Certified
(Suffix H3)
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Compared to standard 2 Watt packages, space savings of 80% and 77% respectively are achieved by these RTS & RTD
2 Watts SMD-Miniature DC/DC Converters. They have been specifically designed for applications where board space is
at a premium since these 2 Watt converters have only a slightly larger foot print than conventional 1 Watt converters.
With efficiencies up to 85%, external cooling is not needed, as the full output power is available over the operating
temperature range -40°C to +85°C. All converters have an I/O-Isolation of 1kVDC, or optionally 3kV, making them
suitable for many industrial and medical applications.
RTS** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
RTD** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
Case and Pinning Options (note restrictions on /H option)
RoHS
2002/95/EC
5/6


Similar Part No. - RTS_10

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
RTS-100-S2B-1.0-C8 LABFACILITY-RTS-100-S2B-1.0-C8 Datasheet
406Kb / 1P
Pt100 Surface Strip Sensor
logo
Amphenol Sine Systems C...
RTS010N3P ASS-RTS010N3P Datasheet
79Kb / 1P
ECO-MATE, RECEPTACLE, FLANGE, SIZE 10, 3 POS, PIN
A4 Apr-10-2018
RTS010N3P03 ASS-RTS010N3P03 Datasheet
79Kb / 1P
ECO-MATE, RECEPTACLE, FLANGE, SIZE 10, 3 POS, PIN
A4 Apr-10-2018
More results

Similar Description - RTS_10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RW2-053.3S RECOM-RW2-053.3S Datasheet
102Kb / 2P
2 Watt DIP16 & SMD Single & Dual Output
RW2-053.3S RECOM-RW2-053.3S_10 Datasheet
114Kb / 2P
2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
2 Watt SMD Single & Dual Output
R2SX RECOM-R2SX Datasheet
584Kb / 6P
2 Watt SMD Single Output
R2M RECOM-R2M Datasheet
943Kb / 6P
2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com