Electronic Components Datasheet Search
  English  ▼

X  

ZXCL250 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXCL250
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL250 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXCL250 Datasheet HTML 1Page - Zetex Semiconductors ZXCL250 Datasheet HTML 2Page - Zetex Semiconductors ZXCL250 Datasheet HTML 3Page - Zetex Semiconductors ZXCL250 Datasheet HTML 4Page - Zetex Semiconductors ZXCL250 Datasheet HTML 5Page - Zetex Semiconductors ZXCL250 Datasheet HTML 6Page - Zetex Semiconductors ZXCL250 Datasheet HTML 7Page - Zetex Semiconductors ZXCL250 Datasheet HTML 8Page - Zetex Semiconductors ZXCL250 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
-50
-25
0
25
50
75
100
2.79
2.80
2.81
-50
-25
0
25
50
75
100
23.0
23.2
23.4
23.6
23.8
24.0
24.2
24.4
24.6
24.8
25.0
012
345
0
5
10
15
20
25
30
0
25
50
75
100
125
150
20
25
30
35
40
45
50
55
60
012
3456
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
0.00
0.05
0.10
0.15
0.20
0.25
VIN =3.3V
No Load
Output Voltage v Temperature
Temperature (°C)
VIN =3.3V
No Load
Ground Current v Temperature
Temperature (°C)
No Load
Ground Current v Input Voltage
Input Voltage (V)
VIN =3.3V
VIN =5V
Ground Current v Load Current
Load Current (mA)
VIN
IOUT =100mA
IOUT =1mA
Input to Output Characteristics
Input Voltage (V)
Dropout Voltage v Output Current
Output Current (mA)
ISSUE 5 - NOVEMBER 2001
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
TYPICAL CHARACTERISTICS (ZXCL280 shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com