Electronic Components Datasheet Search
  English  ▼

X  

ZXCL260 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXCL260
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL260 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCL260 Datasheet HTML 1Page - Zetex Semiconductors ZXCL260 Datasheet HTML 2Page - Zetex Semiconductors ZXCL260 Datasheet HTML 3Page - Zetex Semiconductors ZXCL260 Datasheet HTML 4Page - Zetex Semiconductors ZXCL260 Datasheet HTML 5Page - Zetex Semiconductors ZXCL260 Datasheet HTML 6Page - Zetex Semiconductors ZXCL260 Datasheet HTML 7Page - Zetex Semiconductors ZXCL260 Datasheet HTML 8Page - Zetex Semiconductors ZXCL260 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
VIN = VO + 0.5V, typical values at TA=25°C (Unless otherwise stated)
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
ISSUE 5 - NOVEMBER 2001
3
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
V
DO
Dropout Voltage
Note 3
ZXCL250
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL260
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL280
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL300
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL330
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL400
I
O=10mA
I
O=50mA
I
O=100mA
15
85
163
15
85
155
15
85
140
15
85
140
15
85
140
15
85
140
325
310
280
280
280
280
mV
mV
mV
mV
mV
mV
V
LNR
Line Regulation
V
IN=(VO+0.5V) to 5.5V, IO=1mA
0.02
0.1
%/V
V
LDR
Load Regulation
I
O=1mA to 100mA
0.01
0.04
%/mA
E
N
Output Noise Voltage
f=10Hz to 100kHz, C
O=10µF,
50
µV rms
V
ENH
Enable pin voltage for
normal operation
T
A = -40°C
2
2.2
10
V
V
ENL
Enable pin voltage for
output shutdown
00.8
V
V
ENHS
Enable pin hysteresis
150
mV
I
EN
Enable Pin input
current
V
EN=5.5V
100
nA
I
QSD
Shutdown supply
current
V
EN=0V
1
µA
T
SD
Thermal Shutdown
Temperature
125
165
°C
Device testing is performed at TA=25 C. Device thermal performance is guaranteed by design.
Note1: Maximum power dissipation is calculated assuming the device is mounted on a PCB measuring 2
inches square
Note 2: Output Voltage will start to rise when VIN exceeds a value or approximately 1.3V. For normal
operation, VIN (min) > VOUT (nom) + 0.5V.
Note 3: Dropout voltage is defined as the difference between VIN and VO, when VO has dropped 100mV below



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com