Electronic Components Datasheet Search
  English  ▼

X  

PUMZ2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUMZ2
Description  NPN/PNP general-purpose double transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMZ2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUMZ2 Datasheet HTML 1Page - NXP Semiconductors PUMZ2 Datasheet HTML 2Page - NXP Semiconductors PUMZ2 Datasheet HTML 3Page - NXP Semiconductors PUMZ2 Datasheet HTML 4Page - NXP Semiconductors PUMZ2 Datasheet HTML 5Page - NXP Semiconductors PUMZ2 Datasheet HTML 6Page - NXP Semiconductors PUMZ2 Datasheet HTML 7Page - NXP Semiconductors PUMZ2 Datasheet HTML 8Page - NXP Semiconductors PUMZ2 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PIMZ2_PUMZ2_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
4 of 9
NXP Semiconductors
PIMZ2; PUMZ2
NPN/PNP general-purpose double transistors
7.
Characteristics
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity; unless otherwise specified
ICBO
collector-base cut-off current VCB =60V; IE =0 A
-
-
100
nA
VCB =60V; IE =0 A; Tj = 150 °C-
-
50
μA
IEBO
emitter-base cut-off current
VEB =7V; IC =0 A
-
-
100
nA
hFE
DC current gain
VCE =6V; IC = 1 mA
120
250
560
TR1 (PNP)
VCEsat
collector-emitter saturation
voltage
IC = −50 mA; IB = −5mA
-
-
−500
mV
fT
transition frequency
IE = −2mA; VCE = −12 V; f = 100 MHz
-
190
-
MHz
Cc
collector capacitance
IE =ie =0 A; VCB = −12 V; f = 1 MHz
-
2.3
5
pF
TR2 (NPN)
VCEsat
collector-emitter saturation
voltage
IC =50mA; IB =5mA
-
-
250
mV
fT
transition frequency
IE =2 mA; VCE = 12 V; f = 100 MHz
100
-
-
MHz
Cc
collector capacitance
IE =ie =0 A; VCB =12V; f=1MHz
-
-
3
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com