Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1009 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXCT1009
Description  HIGH-SIDE CURRENT MONITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1009 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXCT1009 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 6Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 7Page - Zetex Semiconductors ZXCT1009 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ISSUE 3 - APRIL 2001
ZXCT1009
6
Li-Ion Charger Circuit
The above figure shows the ZXCT1009 supporting
the Benchmarq bq2954 Charge Management IC.
Most of the support components for the bq2954 are
omitted for clarity. This design also uses the Zetex
FZT789A high current Super- PNP as the switching
transistor in the DC-DC step down converter and the
FMMT451 as the drive NPN for the FZT789A. The
circuit can be configured to charge up to four Li-Ion
cells at a charge current of 1.25A. Charge can be
terminated on maximum voltage, selectable
minimum current, or maximum time out. Switching
frequency of the PWM loop is approximately 120kHz.
The ZXCT1009 is intended as a direct functional
replacement for the ZDS1009, which is featured in a
complete design from Unitrode/Texas Instruments
on the Li-Ion charger circuit shown above.
Reference:
DVS2954S1H
Li-Ion
Charger
Development System.
100
Ω
0.2
Ω
100
Ω
FZT789A
FMMT3904
1k
Ω
FMMD914
10µH
FMMT451
140µH
ZHCS1000
220
Ω
SNS pin
MOD pin
Charger Input
To Battery +
bq2954
5V
ZXCT1009
support components omitted for clarity
+ -
Vin
Load
Iout
APPLICATIONS INFORMATION (Continued)
Transient Protection
An additional resistor, Rlim can be added in series
with Rout (figure 1.0), to limit the current from Iout.
Any circuit connected to Vout will be protected from
input voltage transients. This can be of particular
use in automotive applications where load dump
and other common transients need to be
considered.
Figure 1.0
ZXCT1009 with additional current limiting Resistor
Rlim.
Assuming the worst case condition of Vout = 0V;
providing a low impedance to a transient, the
minimum value of Rlim is given by:-
R(min)
VV
I
lim
pk
max
pk
=
−
Vpk = Peak transient voltage to be
withstood
Vmax = Maximum working Voltage = 20V
Ipk = Peak output current = 40mA
The maximum value of Rlim is set by Vin(min),
Vout(max) and the dropout voltage (see transfer
characteristic on page 3) of the ZXCT1009 :-
R
R
[V
V
V
(max)
V
lim
out
in
dp
out
out
(max)
(min) (
)]
(max)
=
−+
Vin(min)
= Minimum Supply Operating
Voltage
Vdp =Dropout Voltage
Vout (max)= Maximum Operating Output
Voltage
Vin
To Load
Vout
Rsense
R
Rlim
ZXCT
1009



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com