Electronic Components Datasheet Search
  English  ▼

X  

ZXCM210LF Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXCM210LF
Description  VERY LOW POWER MICROPROCESSOR RESET DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCM210LF Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCM210LF Datasheet HTML 1Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 2Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 3Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 4Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 5Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 6Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 7Page - Zetex Semiconductors ZXCM210LF Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ISSUE 3 - FEBRUARY 2001
ZXCM209
ZXCM210
ELECTRICAL CHARACTERISTICS ZXCM209
TEST CONDITIONS (unless otherwise stated) V
CC = full range, TA = -55°C to +125°C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VOL
Reset Output Voltage
Low
VCC>1V, IOL=100µA (0 to 85°C)
0.3
V
VCC>1.2V, IOL=200µA
0.3
V
VTH>VCC>2.5V, IOL=2.7mA
0.4
V
VOH
Reset Output Voltage
High
VCC>VTHmax, IOH=1mA
0.8Vcc
V
ELECTRICAL CHARACTERISTICS ZXCM210
TEST CONDITIONS (unless otherwise stated) V
CC = full range, TA = -55°C to +125°C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VOL
Reset Output Voltage
Low
VCC>VTHmax, IOL=2mA
0.3
V
VCC>VTHmax, IOL=2.7mA
0.4
V
VOH
Reset Output Voltage
High
VCC>1.5V, IOH=150µA
0.8Vcc
V
VCC>VTH>2.5V, IOH=1mA
0.8Vcc
V
Note: Device testing is performed at T
A=25°C. Device thermal performance is guaranteed by design
TYPICAL CHARACTERISTICS
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com