Electronic Components Datasheet Search
  English  ▼

X  

LAN9512 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN9512
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9512 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN9512 Datasheet HTML 9Page - SMSC Corporation LAN9512 Datasheet HTML 10Page - SMSC Corporation LAN9512 Datasheet HTML 11Page - SMSC Corporation LAN9512 Datasheet HTML 12Page - SMSC Corporation LAN9512 Datasheet HTML 13Page - SMSC Corporation LAN9512 Datasheet HTML 14Page - SMSC Corporation LAN9512 Datasheet HTML 15Page - SMSC Corporation LAN9512 Datasheet HTML 16Page - SMSC Corporation LAN9512 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9512/LAN9512i
13
Revision 1.0 (11-24-09)
DATASHEET
1
USB Port Power
Control 3
PRTCTL3
IS/OD12
(PU)
When used as an output, this pin enables power to
downstream USB peripheral 3.
When used as an input, this pin is used to sample
the output signal from an external current monitor
for downstream USB peripheral 3. An overcurrent
condition is indicated when the signal is low.
Refer to Section 2.1 for additional information.
1
External USB
Bias Resistor
USBRBIAS
AI
Used for setting HS transmit current level and on-
chip termination impedance. Connect to an
external 12K 1.0% resistor to ground.
1
USB PLL +1.8V
Power Supply
VDD18USBPLL
P
Refer to the LAN9512/LAN9512i reference
schematics for additional connection information.
1
Crystal Input
XI
ICLK
External 25 MHz crystal input.
Note:
This pin can also be driven by a single-
ended clock oscillator. When this method
is used, XO should be left unconnected
1
Crystal Output
XO
OCLK
External 25 MHz crystal output.
Table 2.5 Ethernet PHY Pins
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
Ethernet TX
Data Out
Negative
TXN
AIO
Negative output of the Ethernet transmitter. The
transmit data outputs may be swapped internally
with receive data inputs when Auto-MDIX is
enabled.
1
Ethernet TX
Data Out
Positive
TXP
AIO
Positive output of the Ethernet transmitter. The
transmit data outputs may be swapped internally
with receive data inputs when Auto-MDIX is
enabled.
1
Ethernet RX
Data In
Negative
RXN
AIO
Negative input of the Ethernet receiver. The receive
data inputs may be swapped internally with
transmit data outputs when Auto-MDIX is enabled.
1
Ethernet RX
Data In Positive
RXP
AIO
Positive input of the Ethernet receiver. The receive
data inputs may be swapped internally with
transmit data outputs when Auto-MDIX is enabled.
7
+3.3V Analog
Power Supply
VDD33A
P
Refer to the LAN9512/LAN9512i reference
schematics for connection information.
1
External PHY
Bias Resistor
EXRES
AI
Used for the internal bias circuits. Connect to an
external 12.4K 1.0% resistor to ground.
1
Ethernet PLL
+1.8V Power
Supply
VDD18ETHPLL
P
Refer to the LAN9512/LAN9512i reference
schematics for additional connection information.
Table 2.4 USB Pins (continued)
NUM
PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com