Electronic Components Datasheet Search
  English  ▼

X  

ZXF36L01 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXF36L01
Description  VARIABLE Q FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF36L01 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXF36L01 Datasheet HTML 1Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 2Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 3Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 4Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 5Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 6Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 7Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 8Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ZXF36L01
ISSUE 3 - JANUARY 2002
5
R=10k
Ω
C=100nF
Rf=19.5k
Ω
Ri=10k
Ω
FILTER CONFIGURATIONS AND RESPONSES
Notch Filter
Filter AC Performance
Notch Filter Gain Response
-35
-30
-25
-20
-15
-10
-5
0
5
10
100
1000
10000
Frequency (Hz)
Notch Filter Phase Response
90
120
150
180
210
240
270
10
100
1000
10000
Frequency (Hz)
f
RC
QR
R
o
f
i
=
∝
1
2
π
(/
)
Where R, Ri and Rf
≥10kΩ and C ≥ 50 pF
See “Designing for a Value of Q” for more
details.
Typical responses for the circuit with
component values shown in circuit diagram.
Output Signal
Input Signal
V
DD
FI2
FO
V
SS
FI1
C1
RC1
RC2
GP1
GP2
GP3
R2
BI
MXO
V
SS
MXI
LO
BI
BG
N/C
N/C
N/C
PD
V
DD
C
C
Rf
Ri
124
5V
5V
100nF
100nF
100nF
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com