Electronic Components Datasheet Search
  English  ▼

X  

ADS5474 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5474
Description  14-Bit, 400-MSPS Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5474 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5474 Datasheet HTML 19Page - Texas Instruments ADS5474 Datasheet HTML 20Page - Texas Instruments ADS5474 Datasheet HTML 21Page - Texas Instruments ADS5474 Datasheet HTML 22Page - Texas Instruments ADS5474 Datasheet HTML 23Page - Texas Instruments ADS5474 Datasheet HTML 24Page - Texas Instruments ADS5474 Datasheet HTML 25Page - Texas Instruments ADS5474 Datasheet HTML 26Page - Texas Instruments ADS5474 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Clock Inputs
1000 W
~ 2.4 V
CLK
CLK
AVDD5
AVDD5
1000 W
GND
ADS5474
GND
GND
~ 2.5 nH Bond Wire
~ 2.5 nH Bond Wire
Parasitic
~0.2pF
Parasitic
~0.2pF
S0292-04
Internal
Clock
Buffer
~ 0.5pF
Package
~ 0.5pF
Package
~ 200fF
BondPad
~ 200fF
BondPad
CLK
ADS5474
CLK
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
ClockAmplitude
V
-
PP
90
85
80
75
70
65
60
0
0.5
1.0
1.5
5.0
2.0
2.5
3.0
f =400MSPS
f
=230MHz
S
IN
3.5
4.0
4.5
SFDR(dBc)
SNR(dBFS)
ADS5474
www.ti.com......................................................................................................................................................... SLAS525A – JULY 2007 – REVISED AUGUST 2008
The ADS5474 clock input can be driven with either a differential clock signal or a single-ended clock input. The
characterization of the ADS5474 is typically performed with a 3-VPP differential clock, but the ADC performs well
with a differential clock amplitude down to ~0.5 VPP, as shown in Figure 42. The clock amplitude becomes more
of a factor in performance as the analog input frequency increases. In low-input-frequency applications, where
jitter may not be a big concern, the use of a single-ended clock could save cost and board space without much
performance tradeoff. When clocked with this configuration, it is best to connect CLK to ground with a 0.01-
µF
capacitor, while CLK is ac-coupled with a 0.01-
µF capacitor to the clock source, as shown in Figure 41.
Figure 40. Clock Input Circuit
Figure 41. Single-Ended Clock
Figure 42. AC Performance versus Clock Level
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS5474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com