Electronic Components Datasheet Search
  English  ▼

X  

CDCE72010 Datasheet(PDF) 16 Page - Texas Instruments

Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE72010_09 Datasheet HTML 12Page - Texas Instruments CDCE72010_09 Datasheet HTML 13Page - Texas Instruments CDCE72010_09 Datasheet HTML 14Page - Texas Instruments CDCE72010_09 Datasheet HTML 15Page - Texas Instruments CDCE72010_09 Datasheet HTML 16Page - Texas Instruments CDCE72010_09 Datasheet HTML 17Page - Texas Instruments CDCE72010_09 Datasheet HTML 18Page - Texas Instruments CDCE72010_09 Datasheet HTML 19Page - Texas Instruments CDCE72010_09 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
100
200
300
400
500
V
=3.3V
CC
V
C C =3.6V
V
=3.0V
CC
T =25ºC
A
Load5pF
(V)
Frequency-MHz
CDCE72010
SCAS858A – JUNE 2008 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
LVCMOS OUTPUT WING
vs
FREQUENCY
Figure 10.
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com