Electronic Components Datasheet Search
  English  ▼

X  

CDCE72010RGCTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCTG4
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCTG4 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE72010RGCTG4 Datasheet HTML 1Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 2Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 3Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 4Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 5Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 6Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 7Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 8Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
1
FEATURES
APPLICATIONS
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
• Wide Charge-Pump Current Range From
200
µA to 3mA
• High Performance LVPECL, LVDS, LVCMOS
PLL Clock Synchronizer
• Dedicated Charge-Pump Supply for Wide
Tuning Voltage Range VCOs
• Two Reference Clock Inputs (Primary and
Secondary Clock) for Redundancy Support
• Presets Charge-Pump to V
CC_CP/2 for Fast
with Manual or Automatic Selection
Center-Frequency Setting of VC(X)O,
Controlled Via the SPI Bus
• Accepts Two Differential Input (LVPECL or
LVDS) References up to 500MHz (or Two
• SERDES Startup Mode (Depending on VCXO
LVCMOS Inputs up to 250MHz) as PLL
Range)
Reference
• Auxiliary Input: Output 9 can Serve as 2nd
• VCXO_IN Clock is Synchronized to One of Two
VCXO Input to Drive All Outputs or to Serve as
Reference Clocks
PLL Feedback Signal
• VCXO_IN Frequencies up to 1.5GHz (LVPECL)
• RESET or HOLD Input Pin to Serve as Reset or
800Mhz for LVDS and 250MHz for LVCMOS
Hold Functions
Level Signaling
• REFERENCE SELECT for Manual Select
• Outputs Can be a Combination of LVPECL,
Between Primary and Secondary Reference
LVDS, and LVCMOS (Up to 10 Differential
Clocks
LVPECL or LVDS Outputs or up to 20 LVCMOS
• POWER DOWN (PD) to Put Device in Standby
Outputs), Output 9 can be Converted to an
Mode
Auxiliary Input as a 2nd VC(X)O.
• Analog and Digital PLL Lock Indicator
• Output Divider is Selectable to Divide by 1, 2,
• Internally Generated VBB Bias Voltages for
3, 4, 5, 6, 8, 10, 12, 16, 18, 20, 24, 28, 30, 32, 36,
Single-Ended Input Signals
40, 42, 48, 50, 56, 60, 64, 70, or 80 On Each
• Frequency Hold-Over Mode Activated by
Output Individually up to Eight Dividers.
HOLD Pin or SPI Bus to Improve Fail-Safe
(Except for Output 0 and 9, Output 0 Follows
Operation
Output 1 Divider and Output 9 Follows Output
• Input to All Outputs Skew Control
8 Divider)
• Individual Skew Control for Each Output with
• SPI Controllable Device Setting
Each Output Divider
• Individual Output Enable Control via SPI
• Packaged in a QFN-64 Package
Interface
• ESD Protection Exceeds 2kV HBM
• Integrated On-Chip Non-Volatile Memory
(EEPROM) to Store Settings without the Need
• Industrial Temperature Range of –40°C to 85°
to Apply High Voltage to the Device
• Optional Configuration Pins to Select Between
• Low Jitter Clock Driver for High-End Telecom
Two Default Settings Stored in EEPROM
and Wireless Applications
• Efficient Jitter Cleaning from Low PLL Loop
• High Precision Test Equipment
Bandwidth
• Very Low Phase Noise PLL Core
• Programmable Phase Offset (Input Reference
to Outputs)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE72010RGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010RGCT TI-CDCE72010RGCT Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
More results

Similar Description - CDCE72010RGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
3.3-V High Performance Clock Synchronizer and Jitter Cleaner
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com