Electronic Components Datasheet Search
  English  ▼

X  

CDCE72010 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 11Page - Texas Instruments CDCE72010 Datasheet HTML 12Page - Texas Instruments CDCE72010 Datasheet HTML 13Page - Texas Instruments CDCE72010 Datasheet HTML 14Page - Texas Instruments CDCE72010 Datasheet HTML 15Page - Texas Instruments CDCE72010 Datasheet HTML 16Page - Texas Instruments CDCE72010 Datasheet HTML 17Page - Texas Instruments CDCE72010 Datasheet HTML 18Page - Texas Instruments CDCE72010 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
TYPICAL CHARACTERISTICS
550
600
650
700
750
800
850
900
950
1000
1050
1100
200
400
600
800 1000
1200 1400 1600 1800
(mV)
T =25ºC
A
Load50
to
W
V
CC - 2C
Frequency-MHz
V
=3.0V
CC
V
=3.6V
CC
V
=3.3V
CC
700
750
800
850
900
950
1000
1050
1100
1150
1200
1250
200
400
600
800 1000
1200 1400 1600 1800
(mV)
T =25ºC
A
Load50
to
W
V
– 2V
CC
V
=3.0V
CC
V
=3.6V
CC
V
=3.3V
CC
Frequency-MHz
100
200
300
400
500
600
700
800
900
100
120
140
160
180
200
220
240
260
280
300
320
(mV)
T =25ºC
A
Load100 W
V
=3.6V
CC
V
=3.0V
CC
Frequency-MHz
V
=3.3V
CC
0
100
140
180
220
260
300
340
380
420
460
500
100
200
300
400
500
600
700
800
900
(mV)
T =25ºC
A
Load100 W
Frequency-MHz
V
=3.0V
CC
V
=3.3V
CC
V
=3.6V
CC
60
0
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
LVPECL OUTPUT SWING
Hi Swing LVPECL OUTPUT SWING
vs
vs
FREQUENCY
FREQUENCY
Figure 6.
Figure 7.
LVDS OUTPUT SWING
Hi Swing LVDS OUTPUT SWING
vs
vs
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com