Electronic Components Datasheet Search
  English  ▼

X  

ZXFBF08 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXFBF08
Description  8 Channel Buffer Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFBF08 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXFBF08 Datasheet HTML 1Page - Zetex Semiconductors ZXFBF08 Datasheet HTML 2Page - Zetex Semiconductors ZXFBF08 Datasheet HTML 3Page - Zetex Semiconductors ZXFBF08 Datasheet HTML 4Page - Zetex Semiconductors ZXFBF08 Datasheet HTML 5Page - Zetex Semiconductors ZXFBF08 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ISSUE 1 - APRIL 2000
8
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3701-04 Metroplaza, Tower 1
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2000
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
A
B
C
D
L
PIN No.1
K
0.51±0.02 @450.51
a
R
PACKAGING INFORMATION
SOIC 20 Lead
DIM
Millimetres
Inches
Min
Max
Min
Max
A
12.65
12.85
0.498
0.506
B
1.27
–
0.05
–
C
0.66
–
0.026
–
D
0.36
0.46
0.014
0.018
E
7.40
7.60
0.291
0.299
F
2.44
2.64
0.096
0.104
G
0.10
0.30
0.004
0.012
H
0°7°0°7°
I
0.23
0.28
0.009
0.011
J
10.11
10.51
0.398
0.414
K
0°8°0°8°
L
0.51
1.01
0.02
0.04
R
0.63
0.89
0.025
0.035
a
7°BSC
7°BSC
ZXFBF08



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com