Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXFV201
Description  QUAD VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Device Description
The ZXFV201 is a quad, high speed amplifier designed for video and
other high speed applications.
It features low differential gain and phase performance. Together
with high output drive and slew rate capability, this brings high
performance to video applications.
Features and Benefits
· Unity gain bandwidth 300MHz
· Slew rate 400V/ s
· Differential gain 0.01%
· Differential phase 0.01
· Output current 40mA
· Characterized up to 300pF load
· ±5 Volt supply
· Supply current 7mA per amplifier.
· 14 pin SO package
Applications
· Video gain stages
· CCTV buffer
· Video distribution
· RGB buffering
· xDSL
· Home theatre
· Fast ADC signal input drive
· High frequency instrumentation
· Cable driving
· Radar imaging
· Medical imaging
ZXFV201
ISSUE 1 - FEBRUARY 2002
1
QUAD VIDEO AMPLIFIER
Part Number
Container
Increment
ZXFV201N14TA
reel 7”
500
ZXFV201N14TC
reel 13”
2500
ORDERING INFORMATION
Connection diagram


Similar Part No. - ZXFV201

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201 Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TA ZETEX-ZXFV201N14TA Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TA ZETEX-ZXFV201N14TA Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TC ZETEX-ZXFV201N14TC Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
More results

Similar Description - ZXFV201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6334 FAIRCHILD-RC6334 Datasheet
39Kb / 8P
Quad Video Amplifier
logo
Intersil Corporation
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Renesas Technology Corp
HA5024 RENESAS-HA5024 Datasheet
827Kb / 17P
Quad 125MHz Video CurrentFeedback Amplifier with Disable
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com