Electronic Components Datasheet Search
  English  ▼

X  

R1S Datasheet(PDF) 1 Page - Recom International Power

Part # R1S
Description  1 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1S Datasheet(HTML) 1 Page - Recom International Power

  R1S Datasheet HTML 1Page - Recom International Power R1S Datasheet HTML 2Page - Recom International Power R1S Datasheet HTML 3Page - Recom International Power R1S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E-6
www.recom-electronic.com
REV: 0/2010
RoHS
2002/95/EC
6/6
Selection Guide
Part
Input
Output
Output
Efficiency Capacitive
Number
Voltage
Voltage
Current
Load
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
(max.)
R1S**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
303
75
33µF
R1S**-xx05
(H)
3.3, 5, 12, 15, 24
5
200
72-78
33µF
R1S**-xx09
(H)
3.3, 5, 12, 15, 24
9
111
74-78
22µF
R1S**-xx12
(H)
3.3, 5, 12, 15, 24
12
84
75-80
22µF
R1S**-xx15
(H)
3.3, 5, 12, 15, 24
15
66
75-82
10µF
R1S**-xx24
(H)
3.3, 5, 12, 15, 24
24
42
74-84
10µF
R1D**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±152
75
±10µF
R1D**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±100
72-78
±10µF
R1D**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±56
74-78
±6.8µF
R1D**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±42
75-80
±6.8µF
R1D**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±33
75-82
±4.7µF
R1D**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±21
74-84
±4.7µF
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±2% typ., ±5% max.
Line Voltage Regulation
All Variants
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V output type
12% typ., 15% max.
9V output type
7% typ., 10% max.
12V, 15V, 24V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
50mVp-p typ., 100mVp-p max.
Operating Frequency
20kHz min. / 60kHz typ. / 100kHz max.
Efficiency at Full Load
See Selection Guide
No Load Power Consumption
R1S** types
101mW min. / 126mW typ. / 220mW max.
R1D** types
87mW min. / 130mW typ. / 230mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
H-Suffix
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
R1S, R1S8, R1D, R1D10
15pF min. / 70pF max.
R1S12, R1D12
10pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
1 Watt SMD
Single & Dual
Output
● Fully RoHS 6/6 Conform
● Full Power at 100°C Ambient Temperature
● 1kVDC or 3kVDC Isolation Options
● UL /CSA Certified, CB Report
● Suitable for Fully Automated Assembly
(including Vapour Phase Soldering)
● Optional Continuous Short Circuit Protection
● Efficiency to 84%
Features
Unregulated
Converters
R1S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
R1D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
UL-60950-1 Certified
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g.
R1S-0505/H, R1D-0505/H, R1S12-0505/H, R1D12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R1S8-0505/P, R1S-0505/HP, R1D12-0505/HP
* add suffix -R for tape & reel packing e.g.
R1S-0505-R. For more details see Application Notes.
R1S_R1D
ECONOLINE
DC/DC-Converter
Description
The R1S and R1D converters are of the
enclosed open frame type, i.e. they are
not potted.
The converters are typically used in
general purpose and industrial low
power isolation and voltage matching
applications where an SMD converter is
required.
The converter series feature an exten-
ded ambient temperature operating
range of -40°C ~ +100°C without
derating and optional continuous short
circuit protection.
In addition to two isolation options and
three different case formats, the
converters are also available prepacked
as tape and reel for use with automatic
insertion machines.
E-224736
Refer to Application Notes


Similar Part No. - R1S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
R1S ZSELEC-R1S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Recom International Pow...
R1S RECOM-R1S Datasheet
127Kb / 4P
DC/DC-Converter with 3 year Warranty
REV: 1/2016
R1S**-xx05 RECOM-R1S**-xx05 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1S**-xx09 RECOM-R1S**-xx09 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1S**-xx12 RECOM-R1S**-xx12 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results

Similar Description - R1S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com