Electronic Components Datasheet Search
  English  ▼

X  

PMD9010D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMD9010D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9010D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMD9010D Datasheet HTML 3Page - NXP Semiconductors PMD9010D Datasheet HTML 4Page - NXP Semiconductors PMD9010D Datasheet HTML 5Page - NXP Semiconductors PMD9010D Datasheet HTML 6Page - NXP Semiconductors PMD9010D Datasheet HTML 7Page - NXP Semiconductors PMD9010D Datasheet HTML 8Page - NXP Semiconductors PMD9010D Datasheet HTML 9Page - NXP Semiconductors PMD9010D Datasheet HTML 10Page - NXP Semiconductors PMD9010D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PMD9010D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
7 of 16
NXP Semiconductors
PMD9010D
MOSFET driver
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Transistor 1 (TR1)
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
0.1
mA
hFE
DC current gain
VCE =5V; IC = 1 mA
200
290
450
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
60
200
mV
VBEsat
base-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
0.7
-
V
VBE
base-emitter voltage
VCE =5V; IC = 2 mA
-
660
-
mV
Transistor 2 (TR2)
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
--15
nA
VCB =30V; IE =0A;
Tj = 150 °C
--5
µA
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
60
200
mV
IC = 100 mA; IB = 5 mA
-
200
400
mV
IC = 200 mA; IB = 20 mA
-
340
500
mV
VBEsat
base-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
0.7
-
V
IC = 100 mA; IB = 5 mA
-
0.9
-
V
VBE
base-emitter voltage
VCE =5V; IC = 2 mA
610
660
710
mV
VCE =5V; IC = 10 mA
-
-
770
mV
Diode (D1)
VF
forward voltage
IF = −200 mA
[1] --
−1.1
V
TR2 and D1
hFE
DC current gain
VCE =5V; IC = 1 mA
200
290
450
VCE =5V; IC = 100 mA
95
140
-
VCE =5V; IC = 200 mA
24
35
-
Device
td
delay time
IC = 0.05 A; IB = 2.5 mA
-
13
-
ns
tr
rise time
-
77
-
ns
ton
turn-on time
-
90
-
ns
ts
storage time
-
853
-
ns
tf
fall time
-
205
-
ns
toff
turn-off time
-
1058
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com