Electronic Components Datasheet Search
  English  ▼

X  

RPP40 Datasheet(PDF) 4 Page - Recom International Power

Part # RPP40
Description  40/50 Watt Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP40 Datasheet(HTML) 4 Page - Recom International Power

  RPP40 Datasheet HTML 1Page - Recom International Power RPP40 Datasheet HTML 2Page - Recom International Power RPP40 Datasheet HTML 3Page - Recom International Power RPP40 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PP-20
www.recom-electronic.com
REV: 0/2009
POWERLINE+
DC/DC-Converter
RPP40/50
Series
Package Style and Pinning (mm)
3
1
2
5
4
45.70
50.80
dia.
1.0
10.20
10.20
7.6
Bottom View
6
30.5
5.1
11.70
5.10
10.20
3.3
Stando
= 1.3
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL
Trim Up
10k
W
Trimpot
Trim Down
10k
W
Trimpot
10k
W
Trimpot
Trim
+Vout
-Vout
Trim
+Vout
-Vout
External Output Trimming
Refer to Application Notes for
suggested Resistor Values
RPP40-4805SW
Typical Characteristics
92
83
82
Input Voltage (V)
36
84
85
86
87
88
89
91
90
40
52
60
48
64
56
68
Efficiency VS Input Voltage
72
RPP50-4805SW
92
83
82
Input Voltage (V)
36
84
85
86
87
88
89
91
90
40
52
60
48
64
56
68
Efficiency VS Input Voltage
72



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com