Electronic Components Datasheet Search
  English  ▼

X  

MPX5100D Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPX5100D
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5100D Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPX5100D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX5100D Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MPX5100
Sensors
6
Freescale Semiconductor
Pressure
Transfer Function (MPX5100D, MPX5100G, MPXV5100G
Nominal Transfer Value: VOUT = VS (P x 0.009 + 0.04)
± (Pressure Error x Temp. Mult. x 0.009 x VS)
VS = 5.0 V ± 0.25 V
Temperature Error Multiplier
MPX5100D/MPX5100G/MPXV5100G Series
Temp
Multiplier
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
- 40
3
0 to 85°C
1
+125°
3
Break Points
Temperature in °C
Note: The Temperature Multiplier is a linear response from 0° to -40°C and from 85° to 125°C.
Pressure Error Band
Pressure in kPa
3.0
2.0
1.0
-1.0
-2.0
-3.0
0.0
0
20
40
60
80
100
120
Pressure
Error (max)
0 to 100 kPa
± 2.5 kPa
Error Limits for Pressure
MPX5100D/MPX5100G/MPXV5100G Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com