Electronic Components Datasheet Search
  English  ▼

X  

TLE2024-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2024-EP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2024-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2024-EP Datasheet HTML 6Page - Texas Instruments TLE2024-EP Datasheet HTML 7Page - Texas Instruments TLE2024-EP Datasheet HTML 8Page - Texas Instruments TLE2024-EP Datasheet HTML 9Page - Texas Instruments TLE2024-EP Datasheet HTML 10Page - Texas Instruments TLE2024-EP Datasheet HTML 11Page - Texas Instruments TLE2024-EP Datasheet HTML 12Page - Texas Instruments TLE2024-EP Datasheet HTML 13Page - Texas Instruments TLE2024-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TLE202xEP, TLE202xAEP
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SGLS235B− FEBRUARY 2004 − REVISED JUNE 2007
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2024 electrical characteristics at specified free-air temperature, VCC = ±15 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2024-EP
TLE2024A-EP
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
1000
750
V
VIO
Input offset voltage
Full range
1200
950
µV
αVIO
Temperature coefficient
of input offset voltage
Full range
2
2
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.006
0.006
µV/mo
IIO
Input offset current
25
°C
0.6
6
0.2
6
nA
IIO
Input offset current
Full range
10
10
nA
IIB
Input bias current
25
°C
50
70
45
70
nA
IIB
Input bias current
Full range
90
90
nA
VICR
Common-mode input
RS = 50 Ω
25
°C
−15
to
13.5
−15.3
to
14
−15
to
13.5
−15.3
to
14
V
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
−15
to
13.2
−15
to
13.2
V
VOM +
Maximum positive peak
25
°C
13.8
14.1
13.8
14.2
V
VOM +
Maximum positive peak
output voltage swing
RL = 10 kΩ
Full range
13.7
13.7
V
VOM −
Maximum negative peak
RL = 10 kΩ
25
°C
−13.7
−14.1
−13.7
−14.1
V
VOM −
Maximum negative peak
output voltage swing
Full range
−13.6
−13.6
V
AVD
Large-signal differential
VO = ±10 V,
RL = 10 kΩ
25
°C
0.4
2
0.8
4
V/ V
AVD
Large-signal differential
voltage amplification
VO = ±10 V,
RL = 10 kΩ
Full range
0.4
0.8
V/
µV
CMRR
Common-mode rejection
VIC = VICRmin,
RS = 50 Ω
25
°C
92
102
94
105
dB
CMRR
Common-mode rejection
ratio
VIC = VICRmin,
RS = 50 Ω
Full range
88
90
dB
kSVR
Supply-voltage rejection
VCC = ± 2.5 V to ±15 V
25
°C
98
112
100
115
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC±/∆VIO)
VCC ± = ±2.5 V to ±15 V
Full range
93
95
dB
ICC
Supply current
25
°C
1050
1400
1050
1400
A
ICC
Supply current
V
= 0,
No load
Full range
1400
1400
µA
∆ICC
Supply current change
over operating
VO = 0,
No load
Full range
85
85
µA
∆ICC
over operating
temperature range
Full range
85
85
µA
† Full range is −40°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com