Electronic Components Datasheet Search
  English  ▼

X  

TVB170SC Datasheet(PDF) 1 Page - Tyco Electronics

Part # TVB170SC
Description  Thyristor Surge Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB170SC Datasheet(HTML) 1 Page - Tyco Electronics

  TVB170SC Datasheet HTML 1Page - Tyco Electronics TVB170SC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
SiBar™
Thyristor Surge Protectors
PRODUCT: TVB170SC
DOCUMENT: SCD 24273
PCN: 295555
REV LETTER: C
REV DATE: AUGUST 24, 2004
PAGE NO.: 1 OF 2
Specification Status: RELEASED
PHYSICAL DESCRIPTION
A
B
C
D**
H
J
K
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
4.06
4.57
3.30
3.81
1.90
2.41
1.96
2.11
0.051
0.152
0.15
0.30
0.76
1.27
in*:
(0.160) (0.180) (0.130) (0.150)
(0.075)
(0.095) (0.077) (0.083) (0.002) (0.006) (0.006) (0.012) (0.030) (0.050)
P
S
REF
MIN
MAX
mm:
0.51
5.21
5.59
in*:
(0.020) (0.205) (0.220)
*Rounded off approximation
** D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P
Other Physical Characteristics
Form Factor:
SMB (Surface Mount, JEDEC DO-214AA Package)
Lead Material:
Tin / lead finish
Encapsulation Material:
Epoxy, meets UL94 V-0 requirements
Solderability:
per MIL-STD-750, Method 2026
Solder Heat Withstand:
per MIL-STD-750, Method 2031
Solvent Resistance:
per MIL-STD-750, Method 1022
Mechanical Shock:
per MIL-STD-750, Method 2016
Vibration:
per MIL-STD-750, Method 2056
Tape and Reel packaging per EIA 481-1
Agency Recognition:
UL
Precedence:
This specification takes precedence over documents referenced herein.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ELV Compliant
© 2004 Tyco Electronics Corporation. All rights reserved.
Marking:
Date Code
Device Code
RCBD
Raychem Logo


Similar Part No. - TVB170SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
PolySwitch SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
179Kb / 12P
SiBar Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
179Kb / 12P
SiBar Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
Thyristor Surge Protectors
More results

Similar Description - TVB170SC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05B230T3 ONSEMI-MMT05B230T3 Datasheet
52Kb / 6P
Thyristor Surge Protectors
March, 2004 ??Rev. 7
MMT10B230T3 ONSEMI-MMT10B230T3 Datasheet
48Kb / 6P
Thyristor Surge Protectors
March, 2004 ??Rev. 7
MMT08B310T3 ONSEMI-MMT08B310T3 Datasheet
47Kb / 6P
Thyristor Surge Protectors
October, 2003 ??Rev. 0
MMT08B064T3 ONSEMI-MMT08B064T3 Datasheet
46Kb / 6P
Thyristor Surge Protectors
June, 2004 ??Rev. 0
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
Thyristor Surge Protectors
TVB200SA MACOM-TVB200SA_04 Datasheet
71Kb / 2P
Thyristor Surge Protectors
TVB200SC MACOM-TVB200SC_04 Datasheet
77Kb / 2P
Thyristor Surge Protectors
TVB270SC MACOM-TVB270SC_04 Datasheet
66Kb / 2P
Thyristor Surge Protectors
logo
ON Semiconductor
MMT05B064T3 ONSEMI-MMT05B064T3 Datasheet
62Kb / 5P
Thyristor Surge Protectors
January, 2006 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com