Electronic Components Datasheet Search
  English  ▼

X  

ZXM64P02X Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXM64P02X
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P02X Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXM64P02X Datasheet HTML 1Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 2Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 3Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 4Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 5Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 6Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXM64P02X
138
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
70
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 10 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal
Impedance graph.
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate- Source Voltage
VGS
± 12
V
Continuous Drain Current (VGS=4.5V; TA=25°C)(b)
(VGS=4.5V; TA=70°C)(b)
ID
-3.5
-2.8
A
Pulsed Drain Current (c)
IDM
-19
A
Continuous Source Current (Body Diode)(b)
IS
-2.0
A
Pulsed Source Current (Body Diode)(c)
ISM
-19
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1.1
8.8
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.8
14.4
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
PROVISIONAL ISSUE A - JULY 1999



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com