Electronic Components Datasheet Search
  English  ▼

X  

PMST4401 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMST4401
Description  NPN switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMST4401 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMST4401 Datasheet HTML 1Page - NXP Semiconductors PMST4401 Datasheet HTML 2Page - NXP Semiconductors PMST4401 Datasheet HTML 3Page - NXP Semiconductors PMST4401 Datasheet HTML 4Page - NXP Semiconductors PMST4401 Datasheet HTML 5Page - NXP Semiconductors PMST4401 Datasheet HTML 6Page - NXP Semiconductors PMST4401 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Apr 22
3
NXP Semiconductors
Product data sheet
NPN switching transistor
PMST4401
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 µs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 60 V
−
50
nA
IE = 0; VCB = 60 V; Tj = 150 °C
−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB = 6 V
−
50
nA
hFE
DC current gain
VCE = 1 V; (see Fig.2)
IC = 0.1 mA
20
−
IC = 1 mA
40
−
IC = 10 mA
80
−
IC = 150 mA; note 1
100
300
DC current gain
IC = 500 mA; VCE = 2 V; note 1
40
−
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
400
mV
IC = 500 mA; IB = 50 mA; note 1
−
750
mV
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
950
mV
IC = 500 mA; IB = 50 mA; note 1
−
1.2
V
Cc
collector capacitance
IE = ie = 0; VCB = 5 V; f = 1 MHz
−
8
pF
Ce
emitter capacitance
IE = ie = 0; VEB = 500 mV; f = 1 MHz
−
30
pF
fT
transition frequency
IC = 20 mA; VCE = 10 V; f = 100 MHz 250
−
MHz
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = 150 mA; IBon = 15 mA;
IBoff = −15 mA
−
35
ns
td
delay time
−
15
ns
tr
rise time
−
20
ns
toff
turn-off time
−
250
ns
ts
storage time
−
200
ns
tf
fall time
−
60
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com