Electronic Components Datasheet Search
  English  ▼

X  

ZXM64P03 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXM64P03
Description  35V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P03 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXM64P03 Datasheet HTML 1Page - Zetex Semiconductors ZXM64P03 Datasheet HTML 2Page - Zetex Semiconductors ZXM64P03 Datasheet HTML 3Page - Zetex Semiconductors ZXM64P03 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZXM64P035L3
PROVISIONAL ISSUE A - JANUARY 2002
2
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-35
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current (VGS= -10V; TC=25°C)(a)
(VGS= -10V; TA=25°C)(b)
ID
-12
-3.3
A
Pulsed Drain Current (b)
IDM
-19
A
Continuous Source Current (Body Diode) (b)
IS
-2.3
A
Pulsed Source Current (Body Diode)(b)
ISM
-19
A
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
20
160
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Case (a)
R
θJC
6.25
°C/W
Junction to Ambient (b)
R
θJA
83.3
°C/W
THERMAL RESISTANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com