Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
THS4521
ADS1278 (CH1)
V
OCM
5V
V
COM
2.2nF
AINN1
AINP1
x1
1/2
OPA2350
1.5nF
1.5nF
V
IN+
V
IN-
1kW
1kW
1kW
49.9 W
49.9 W
0.1 F
m
0.1 F
m
1kW
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
10-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
4
8
12
16
20
24 26
Frequency (kHz)
1-kHz FFT
G = 1
R = R = 1 k
C = 1.5 nF
V = 5 V
Load = 2 x 49.9
+ 2.2 nF
F
G
F
S
W
W
THS4521
THS4522
THS4524
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
ADC Driver Performance:
modes from 10 kSPS to 128 kSPS to enable the user
THS4521 and ADS1278 Combined
to fine-tune performance and power for specific
Performance
application needs. The circuit shown in Figure 81 was
used to test the performance. Data were taken using
The THS4521 provides excellent performance when
the High-Resolution mode (52 kSPS) of the ADS1278
driving
high-performance
ΔΣ
and
successive
with input frequencies at 1 kHz and 10 kHz and
approximation register (SAR) ADCs in audio and
signal levels 1/2 dB below full-scale (–0.5 dBFS). FFT
industrial applications using a single 3-V to 5-V power
plots showing the spectral performance are given in
supply.
To
show
achievable
performance,
the
Figure 82 and Figure 83; tabulated ac analysis results
THS4521 is tested as the drive amplifier for the
are shown in Table 6 and compared to the ADS1278
ADS1278 24-bit ADC. The ADS1278 offers excellent
data sheet typical performance specifications.
ac and dc performance, with four selectable operating
Figure 81. THS4521 and ADS1278 (Ch 1) Test Circuit
Figure 82. 1-kHz FFT
Figure 83. 10-kHz FFT
Table 6. AC Analysis
Configuration
Tone
Signal (dBFS)
SNR (dBc)
THD (dBc)
SINAD (dBc)
SFDR (dBc)
THS4521and
1 kHz
–0.5
109
–108
105
114
ADS1278
10 kHz
–0.5
102
–110
101
110
ADS1278 Data
1 kHz
–0.5
110
–108
—
109
sheet (typ)
34
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com